Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7946DP-T1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI7946DP-T1
Description  Dual N-Channel 150-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7946DP-T1 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI7946DP-T1 Datasheet HTML 1Page - Vishay Siliconix SI7946DP-T1 Datasheet HTML 2Page - Vishay Siliconix SI7946DP-T1 Datasheet HTML 3Page - Vishay Siliconix SI7946DP-T1 Datasheet HTML 4Page - Vishay Siliconix SI7946DP-T1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si7946DP
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72282
S-31361—Rev. A, 30-Jun-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
P(t) = 0.1
10-3
10-2
1
10
600
10-1
10-4
100
0
30
50
10
20
Single Pulse Power
Time (sec)
40
-1.2
-0.8
-0.4
0.0
0.4
0.8
-50
-25
0
25
50
75
100
125
150
ID = 250 mA
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Threshold Voltage
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 60_C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
100
1000
0.01
1
10
Safe Operating Area, Junction-To-Ambient
VDS - Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
TA = 25_C
Single Pulse
0.1
IDM
Limited
ID(on)
Limited
rDS(on) Limited
BVDSS Limited
0.1
P(t) = 10
dc
P(t) = 1
P(t) = 0.01
P(t) = 0.001
P(t) = 0.0001


Similar Part No. - SI7946DP-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7946DP VISHAY-SI7946DP Datasheet
203Kb / 4P
   Dual N-Channel 150-V (D-S) MOSFET
Rev. B, 27-Feb-06
SI7946DP VISHAY-SI7946DP Datasheet
98Kb / 6P
   Dual N-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7946DP VISHAY-SI7946DP_06 Datasheet
203Kb / 4P
   Dual N-Channel 150-V (D-S) MOSFET
Rev. B, 27-Feb-06
SI7946DP VISHAY-SI7946DP_V01 Datasheet
98Kb / 6P
   Dual N-Channel 150-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7946DP-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7946DP VISHAY-SI7946DP_V01 Datasheet
98Kb / 6P
   Dual N-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7946ADP VISHAY-SI7946ADP Datasheet
378Kb / 13P
   Dual N-Channel 150 V (D-S) MOSFET
01-Jan-2022
logo
Analog Power
AM4890N ANALOGPOWER-AM4890N Datasheet
364Kb / 5P
   Dual N-Channel 150-V (D-S) MOSFET
AM7900N ANALOGPOWER-AM7900N Datasheet
320Kb / 5P
   Dual N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7946DP VISHAY-SI7946DP_06 Datasheet
203Kb / 4P
   Dual N-Channel 150-V (D-S) MOSFET
Rev. B, 27-Feb-06
logo
Analog Power
AM4892N ANALOGPOWER-AM4892N Datasheet
363Kb / 5P
   Dual N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7956DP VISHAY-SI7956DP_V01 Datasheet
309Kb / 12P
   Dual N-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7738DP VISHAY-SI7738DP Datasheet
132Kb / 4P
   Dual N-Channel 150-V (D-S) MOSFET
Rev. A, 14-Apr-08
SI7956DP VISHAY-SI7956DP Datasheet
206Kb / 4P
   Dual N-Channel 150-V (D-S) MOSFET
Rev. B, 27-Feb-06
SIR838DP VISHAY-SIR838DP Datasheet
118Kb / 7P
   N-Channel 150 V (D-S) MOSFET
Rev. B, 30-Sep-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com