Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4470EY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4470EY
Description  N-Channel 60-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4470EY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4470EY Datasheet HTML 1Page - Vishay Siliconix SI4470EY Datasheet HTML 2Page - Vishay Siliconix SI4470EY Datasheet HTML 3Page - Vishay Siliconix SI4470EY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
D TrenchFETr Power MOSFETS
D Extended Temperature Range
APPLICATION
D Primary Side Switch
Si4470EY
Vishay Siliconix
Document Number: 71606
S-03951—Rev. B, 26-May-03
www.vishay.com
1
N-Channel 60-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
60
0.011 @ VGS = 10 V
12.7
60
0.013 @ VGS = 6.0 V
11.7
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
D
G
S
N-Channel MOSFET
Ordering Information: Si4470EY
Si4470EY-T1 (with Tape and Reel)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
12.7
9.0
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
10.6
7.5
Pulsed Drain Current
IDM
50
A
Avalanch Current
L = 0.1 mH
IAS
50
Continuous Source Current (Diode Conduction)a
IS
3.1
1.5
Maximum Power Dissipationa
TA = 25_C
PD
3.75
1.85
W
Maximum Power Dissipationa
TA = 70_C
PD
2.6
1.3
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi
ta
t
v 10 sec
R
33
40
Maximum Junction-to-Ambienta
Steady State
RthJA
65
80
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
17
21
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - SI4470EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4470EY-T1-E3 VISHAY-SI4470EY-T1-E3 Datasheet
226Kb / 8P
   N-Channel 60 V (D-S) MOSFET
Rev. D, 20-Sep-10
SI4470EY-T1-GE3 VISHAY-SI4470EY-T1-GE3 Datasheet
226Kb / 8P
   N-Channel 60 V (D-S) MOSFET
Rev. D, 20-Sep-10
SI4470EY VISHAY-SI4470EY_10 Datasheet
226Kb / 8P
   N-Channel 60 V (D-S) MOSFET
Rev. D, 20-Sep-10
More results

Similar Description - SI4470EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com