Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0500798000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0500798000
Description  1.25mm Pitch PicoBlade Crimp Terminal, 26-28 AWG, Reel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0500798000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0500798000_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0500798000_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/14/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0500798000
Status:
Active
Overview:
PicoBlade™ Connector System
Description:
1.25mm Pitch PicoBlade™ Crimp Terminal, 26-28 AWG, Reel
Documents:
3D Model
Product Specification PS-51021-023-001 (PDF)
Drawing (PDF)
Product Specification PS-51021-024-001 (PDF)
Product Specification PS-51021-001-001 (PDF)
Product Specification PS-51021-025-001 (PDF)
Product Specification PS-51021-002-001 (PDF)
Product Specification PS-51021-026-001 (PDF)
Product Specification PS-51021-009-001 (PDF)
Product Specification PS-51021-027-001 (PDF)
Product Specification PS-51021-010-001 (PDF)
Product Specification PS-51021-032-001 (PDF)
Product Specification PS-51021-011-001 (PDF)
Packaging Specification SPK-50079-001-001 (PDF)
Product Specification PS-51021-022-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
50079
Application
Signal
Crimp Quality Equipment
Yes
Current Derating Order No
987651-3691
Overview
PicoBlade™ Connector System
Packaging Alternative
50079-8100 (Loose)
Product Name
PicoBlade™
UPC
800753616233
Physical
Durability (mating cycles max)
30
Gender
Female
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Net Weight
10.100/mg
Packaging Type
Reel
Plating min - Mating
0.889µm
Plating min - Termination
0.914µm
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
0.50-1.04mm
Wire Size AWG
26, 28
Wire Size mm²
N/A
Electrical
Current - Maximum per Contact
1.0A
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-50079-001-001
Product Specification
PS-51021-001-001, PS-51021-002-001,
PS-51021-009-001, PS-51021-010-001,
PS-51021-011-001, PS-51021-022-001,
PS-51021-023-001, PS-51021-024-001,
PS-51021-025-001, PS-51021-026-001,
PS-51021-027-001, PS-51021-032-001
Sales Drawing
SD-50079-001, SD-51021-002
Series image - Reference only
EU ELV
Compliant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Compliant
RoHS Phthalates
Not Contained
Search Parts in this Series
50079 Series
Mates With
50125 Crimp Terminal, 50133 Crimp
Terminal
Use With
51021 Crimp Housing


Similar Part No. - 0500798000_17

ManufacturerPart No.DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
0500798000-06-B8-D MOLEX11-0500798000-06-B8-D Datasheet
82Kb / 2P
   1.25 WIRE TO BOARD CONN. CRIMP REC. TERMINAL
More results

Similar Description - 0500798000_17

ManufacturerPart No.DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
0501258000 MOLEX1-0501258000_17 Datasheet
31Kb / 1P
   1.25mm Pitch PicoBlade Crimp Terminal 50125, 26-28 AWG, Reel
0500798000 MOLEX6-0500798000 Datasheet
118Kb / 4P
   1.25mm (.049") Pitch PicoBlade??Crimp Terminal, 26-28 AWG, Reel
0500798100 MOLEX1-0500798100_17 Datasheet
32Kb / 1P
   1.25mm Pitch PicoBlade Crimp Terminal, 26-28 AWG, Bag
0501258000 MOLEX6-0501258000 Datasheet
89Kb / 3P
   1.25mm (.049") Pitch PicoBlade??Crimp Terminal 50125, 26-28 AWG, Reel
0500798100 MOLEX6-0500798100 Datasheet
116Kb / 4P
   1.25mm (.049") Pitch PicoBlade Crimp Terminal, 26-28 AWG, Bag
0501258100 MOLEX1-0501258100_17 Datasheet
31Kb / 1P
   1.25mm Pitch PicoBlade Crimp Terminal 50125, 26-28 AWG, Bag
0500588000 MOLEX1-0500588000_17 Datasheet
32Kb / 2P
   1.25mm Pitch PicoBlade Crimp Terminal, Female, 28-32 AWG, Reel
0501338000 MOLEX1-0501338000_17 Datasheet
31Kb / 1P
   1.25mm Pitch PicoBlade Crimp Terminal, Male, 28-32 AWG, Reel
0500588000 MOLEX6-0500588000 Datasheet
91Kb / 3P
   1.25mm (.049") Pitch PicoBlade Crimp Terminal, Female, 28-32 AWG, Reel
0501258100 MOLEX6-0501258100 Datasheet
87Kb / 3P
   1.25mm (.049") Pitch PicoBlade Crimp Terminal 50125, 26-28 AWG, Bag
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz