Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA5522 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SDA5522
Description  TVText Pro
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SDA5522 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SDA5522 Datasheet HTML 1Page - Infineon Technologies AG SDA5522 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Published by Infineon Technologies AG
How to reach us:
http://www.infineon.com
Published by
Infineon Technologies AG,
Bereich Kommunikation,
St.-Martin-Strasse 53,
D-81541 München
© Infineon Technologies AG 1999
All Rights Reserved.
Attention please!
The information herein is given to describe cer-
tain components and shall not be considered as
warranted characteristics.
Terms of delivery and rights to technical change
reserved.
We hereby disclaim any and all warranties, in-
cluding but not limited to warranties of non-in-
fringement, regarding circuits, descriptions and
charts stated herein.
Infineon Technologies is an approved CECC
manufacturer.
Information
For further information on technology, delivery
terms and conditions and prices please contact
your nearest Infineon Technologies Office in
Germany or our Infineon Technologies Repre-
sentatives worldwide (see address list).
Warnings
Due to technical requirements components may
contain dangerous substances. For information
on the types in question please contact your
nearest Infineon Technologies Office.
Infineon Technologies Components may only be
used in life-support devices or systems with the
express written approval of Infineon Technologies,
if a failure of such components can reasonably
be expected to cause the failure of that life-sup-
port device or system, or to affect the safety or ef-
fectiveness of that device or system. Life support
devices or systems are intended to be implanted
in the human body, or to support and/or maintain
and sustain and/or protect human life. If they fail,
it is reasonable to assume that the health of the
user or other persons may be endangered.
Block Diagram SDA 555x
Sales Code
Internal
ROM
External
ROM
Number of
TTX-Pages
XRAM
SDA 5550/M
< 1 Mb
10
1 Kb
SDA 5521
32 Kb
SDA 5522
64 Kb
SDA 5551
32 Kb
1
SDA 5552
64 Kb
1
SDA 5553
64 Kb
10
1 Kb
SDA 5554
96 Kb
10
1 Kb
SDA 5555
128 Kb
10
1 Kb
SDA 555xFL
128 Flash
10
1 Kb
WDT
Capture Control
PWM
Port Logic
UART
SFRs
Peripheral
Bus
Interface
Memory
Extension Unit
Interrupt
Controller
Core
M8051S
Counter 1
Counter 0
Memory
Extension
Stack
128 x 8
IRAM
256 x 8
Bus
Arbiter
ADC
Interface
Clock &
Sync
System
Programm ROM
128 K x 8
Acquisition
Interface
Acquisition
Slicer
ADC
ADC
Analog MUX
RAM/ROM Interface
Display Logic
Display Generator
DAC’s
FIFO
CLUT
Display
Regs
RG B
XRAM
16 K x 8
Character ROM
768 Char.
V
H
COR_BLA
P0 to 4
CVBS
ADCX4
A16 to A20
A0 to 15, D0 to 7,
ALE, PSEN,
RD, WR
Ordering No. B111-H7503-X-X-7600
Printed in Germany
PS 08993.
Availability
The SDA 555x is available in
samples now and will be ready
for mass production from
beginning of year 2000 onwards.
Please contact your local
Infineon Office for further details.
TEDIPRO for Fast & Easy OSD-Development


Similar Part No. - SDA5522

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SDA555X TOSHIBA-SDA555X Datasheet
5Mb / 70P
   COLOUR TELEVISION
logo
Infineon Technologies A...
SDA55XX INFINEON-SDA55XX Datasheet
2Mb / 230P
   Preliminary & Confidential
Version 1.21 July 99
More results

Similar Description - SDA5522

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA5250 SIEMENS-SDA5250 Datasheet
1Mb / 143P
   TVTEXT 8-Bit Microcontroller
logo
PHOENIX CONTACT
2988890 PHOENIX-2988890 Datasheet
87Kb / 3P
   WEBVISIT PRO
logo
List of Unclassifed Man...
STM32 ETC2-STM32 Datasheet
646Kb / 2P
   EasyMx PRO
logo
Extech Instruments Corp...
CT20 EXTECH-CT20 Datasheet
182Kb / 1P
   Continuity Tester Pro
logo
Microchip Technology
ATMBUSADAPTER-XPRO MICROCHIP-ATMBUSADAPTER-XPRO Datasheet
83Kb / 1P
   mikroBUS Xplained Pro
logo
Level One
PLI-3110 LVL1-PLI-3110 Datasheet
234Kb / 3P
   HomePlug Pro PoE
logo
RF Monolithics, Inc
ZPM3570-E RFM-ZPM3570-E Datasheet
1Mb / 18P
   ZigBee Pro Module
logo
Freescale Semiconductor...
MPC8349E FREESCALE-MPC8349E Datasheet
4Mb / 2P
   PowerQUICC II??Pro
logo
Tyco Electronics
58530-1 MACOM-58530-1 Datasheet
185Kb / 5P
   PRO-CRIMPER II
logo
RF Micro Devices
ZPM3570 RFMD-ZPM3570 Datasheet
1Mb / 18P
   ZigBee Pro Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com