Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA5450 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SDA5450
Description  Video Text Controller
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA5450 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SDA5450 Datasheet HTML 1Page - Siemens Semiconductor Group SDA5450 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Published by Semiconductor Group
Siemens Aktiengesellschaft
How to reach us:
http://www.siemens.de/semiconductor
© Siemens AG 1998.
All Rights Reserved.
Please note that any information contained in this
publication may be subject to change. Siemens
reserves the right to make changes to or to
discontinue any product or service identified in this
publication without notice.
Please contact our regional offices to receive the
latest version of the relevant information to verify,
before placing orders, that the information being
relied upon is current.
All brand or product names, hardware or software
names are trademarks of their respective companies
or organizations.
Wien
¤ (+43) 1-1707-356 11
Richmond (Melbourne),
Vic. 3121
¤ (+61) 3-9420 71 11
Brussel/Bruxelles
¤ (+32) 2-536 23 48
São Paulo-SP
¤ (+55) 11-836 23 77/
26 84
Mississauga, Ontario
L5T 1P2
¤ (+1) 905-819 80 00
Zürich
¤ (+41) 1-495 30 65
Düsseldorf
¤ (+49) 211-399 15 51
Laatzen (Hannover)
¤ (+49) 511-877 27 06
Nürnberg
¤ (+49) 911-654 76 22
Stuttgart
¤ (+49) 711-137 33 14
München
¤ (+49) 89-9221 40 86
Ballerup
¤ (+45) 4477-44 77
Tres Cantos-Madrid
¤ (+34) 91-514 80 00
Saint-Denis CEDEX 2
¤ (+33) 1-4922 31 00
Espoo (Helsinki)
¤ (+35) 9-5105 1
Berkshire RG 12 8FZ
¤ (+44) 1344-39 60 00
Amaroussio/Athen
¤ (+30) 1-686 41 11
Hong Kong
¤ (+852) 2832 05 00
Milano
¤ (+39) 02-6676-1
New Delhi 110 014
¤ (+91) 11-461 74 47
Bangalore 560 001
¤ (+91) 80-227 98 74
Mumbai
¤ (+91) 22-496 21 99
Dublin 4
¤ (+353) 1-603 23 42
Tokyo 141-0022
¤ (+81) 3-5449 64 11
Penang
¤ (+60) 4-644 99 75
Oslo 5
¤ (+47) 22-63 30 00
Den Haag
¤ (+31) 70-333 24 29
Auckland
¤ (+64) 9-520 30 33
Amadora
¤ (+35) 1-417 00 11
Islamabad
¤ (+92) 51-21 22 00
Warszawa
¤ (+48) 2-670 91 51
Taipei
¤ (+886) 2-2773 66 06
Seoul 135-080
¤ (+82) 2-527 77 00
Moskva
¤ (+7) 095-237-64 76,
-69 11
Kista
¤ (+46) 8-703 35 00
Singapore 349 253
¤ (+65) 840 06 10
Findikli (Istanbul)
¤ (+90) 212-251 09 00
Cupertino, CA 95014
¤ (+1) 408-777 45 00
Cupertino, CA 95014
¤ (+1) 408-257 79 10
Iselin, NJ 08830-2770
¤ (+1) 732-906 43 00
Beijing
¤ (+86) 10-6857 90 -06,
-07
Shanghai 200003
¤ (+86) 21-6361 26 18/19
Halfway House 1685
¤ (+27) 11-652-20 00,
-27 00
AUS
B
BR
CDN
CH
D
DK
E
F
FIN
GB
GR
HK
I
IND
J
MAL
N
NL
NZ
P
PK
PL
RC
ROK
RUS
S
SGP
TR
USA
VRC
ZA
A
IRL
Ordering No. B111-H7313-X-X-7600
Printed in Germany
PS 11983.
Technical Highlights
Block Diagram
Character Set - Language
Latin
Cyrillic ∗)
Greek
Arabic ∗/∗∗)
German
x
x
x
x
English
x
x
x
x
Scandinavian
x
x
x
Italian
x
x
x
French
x
x
x
Spanish
x
x
x
Icelandic
x
x
x
Greek
x
Polish
x
x
Czechian
x
x
Romanian
x
x
Serbian
x
x
Hungarian
x
x
Russian / Byellorussian
x
Lettish / Lithuanian
x
Ukrainian
x
Estonian
x
Arabic
x
Farsi
x
s Fully 8051 compatible core
s I²C-Bus Control
s OTP with fully prog. pixel
and code memory
s Packages
P-SDIP-52, P-MQFP-64 (ROM versions)
P-LCC-84, P-MQFP-80 (ROMless versions)
Watchdog
Timer
Capture
Compare
Timer
ADC
PWM
TTX, VPS
Slicer
Acquisition
Character
ROM
448
1210
Display
Timing
Display
Generator
3
2 Bit-DAC
CPU
C500
Memory
Management
Unit
(MMU)
Extended
Data RAM
1 Kbyte
Program
Memory
ROM
VBI Buffer
1 Kbyte
Dual Port
Interface
Dual Port
Interface
Display
RAM
TTC
TTD
BLAN
COR
R
G
B
2)
3)
1)
4)
1) only ROM-versions
2) only ROMless-version
3) only SDA 5450 and SDA 5454 to SDA 5457
4) 10 Kbyte for SDA 5450 and SDA 5454 to SDA 5457
1 Kbyte for SDA 5451 to SDA 5453
Availability
The SDA 545X is available in
mass production. Please
contact your local Siemens
Office for further details.


Similar Part No. - SDA5450

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA5000 SSDI-SDA5000 Datasheet
205Kb / 2P
   5 AMP RECITIFIER ASSEMBLY
SDA5000 SSDI-SDA5000 Datasheet
105Kb / 2P
   STANDARD RECOVERY HIGH VOLTAGE RECTIFIER
SDA5000 SSDI-SDA5000 Datasheet
110Kb / 2P
   HIGH VOLTAGE RECTIFIER
SDA5000F SSDI-SDA5000F Datasheet
55Kb / 2P
   0.5 AMPS 2.5kV thru 25kV FAST RECOVERY RECTIFIER ASSEMBLY
SDA5000HF SSDI-SDA5000HF Datasheet
110Kb / 2P
   HIGH VOLTAGE RECTIFIER
More results

Similar Description - SDA5450

ManufacturerPart #DatasheetDescription
logo
RAIO Technology Inc.
RA8803 RAIO-RA8803 Datasheet
102Kb / 8P
   Two Layers Text/Graphic LCD Controller Specification
logo
List of Unclassifed Man...
TMS9927 ETC-TMS9927 Datasheet
363Kb / 5P
   VIDEO TIMER / CONTROLLER
logo
Intel Corporation
82731 INTEL-82731 Datasheet
1Mb / 19P
   VIDEO INTERFACE CONTROLLER
logo
List of Unclassifed Man...
T108 ETC2-T108 Datasheet
1Mb / 89P
   Video Display Controller
logo
Winbond
W9970CF WINBOND-W9970CF Datasheet
219Kb / 6P
   VIDEO GRAPHICS CONTROLLER
logo
PANDUIT CORP.
LCAXN750-12-3 PANDUIT-LCAXN750-12-3 Datasheet
102Kb / 1P
   Text Search LCAXN750-12-3
logo
Sanyo Semicon Device
LC89170M SANYO-LC89170M Datasheet
97Kb / 8P
   CD Player Text Data IC
logo
List of Unclassifed Man...
SE401 ETC-SE401 Datasheet
146Kb / 2P
   USB Video Image Controller
logo
YAMAHA CORPORATION
YGV629 YAMAHA-YGV629 Datasheet
886Kb / 26P
   VC1 Video Controller 1
logo
NXP Semiconductors
TDA4881 PHILIPS-TDA4881 Datasheet
118Kb / 12P
   Advanced monitor video controller
November 1992
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com