Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBYV27-50 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SBYV27-50
Description  Soft Recovery Ultrafast Plastic Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBYV27-50 Datasheet(HTML) 2 Page - Vishay Siliconix

  SBYV27-50 Datasheet HTML 1Page - Vishay Siliconix SBYV27-50 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SBYV27-50 THRU SBYV27-200
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88736
2
14-May-03
Temperature (
°C)
Fig. 1 – Maximum Forward Current
Derating Curves
Fig. 3 – Typical Instantaneous
Forward Characteristics
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Fig. 4 – Typical Reverse Leakage
Characteristics
Fig. 6 – Typical Junction Capacitance
Number of Cycles at 50 HZ
Reverse Voltage (V)
Fig. 2 – Maximum Non-Repetitive Peak
Forward Surge Current
Junction Temperature (
°C)
Fig. 5 – Reverse Switching
Characteristics
0
25
50
75
100
125
150
175
0
0.5
1.0
1.5
2.0
2.5
3.0
Resistive or Inductive Load
0.375" (9.5mm) Lead Length
TL Lead Temperature
TA, Ambient Temperature
P.C.B. Mounted
0.5" x 0.5" (12 x 12mm)
Copper Pads
1
10
100
0
10
20
30
40
50
60
10ms Single Half Sine-Wave
TJ = 175°C
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
100
TJ = 100
°C
TJ = 25
°C
Pulse Width = 300
µs
1% Duty Cycle
0
20
40
60
80
100
0.1
1
10
100
1000
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
di/dt=150A/
µs
di/dt=100A/
µs
di/dt=20A/
µs
di/dt=50A/
µs
di/dt=50A/
µs
di/dt=100A/
µs
di/dt=150A/
µs
di/dt=20A/
µs
IF = 2.0A
VR=30V
0.1
1
10
100
1
10
100
TJ = 25°C
f = 1.0MHZ
Vsig = 50mVp-p
trr
Qrr
TJ = 25
°C
TJ = 100
°C
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)


Similar Part No. - SBYV27-50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
SBYV27-50 VISHAY-SBYV27-50 Datasheet
71Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 22-Oct-09
logo
Shenzhen Taychipst Elec...
SBYV27-50 TAYCHIPST-SBYV27-50 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50 Datasheet
75Kb / 5P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
SBYV27-50 VISHAY-SBYV27-50_07 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
More results

Similar Description - SBYV27-50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50_07 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
SBYV27-50 VISHAY-SBYV27-50_09 Datasheet
71Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 22-Oct-09
logo
Shenzhen Taychipst Elec...
SBYV28-50 TAYCHIPST-SBYV28-50 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV28-50 VISHAY-SBYV28-50_09 Datasheet
70Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 22-Oct-09
UF5400 VISHAY-UF5400_07 Datasheet
71Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 23-Oct-09
SBYV28-50 VISHAY-SBYV28-50_V01 Datasheet
78Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
logo
Shenzhen Taychipst Elec...
SBYV27-50 TAYCHIPST-SBYV27-50 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV28-50 VISHAY-SBYV28-50 Datasheet
96Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
SBYV27-50 VISHAY-SBYV27-50_V01 Datasheet
75Kb / 5P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
UF5400 VISHAY-UF5400 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com