Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28730 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28730
Description  Zero-Power Standby PSR Flyback Controller for Automotive
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28730 Datasheet(HTML) 3 Page - Texas Instruments

  UCC28730 Datasheet HTML 1Page - Texas Instruments UCC28730 Datasheet HTML 2Page - Texas Instruments UCC28730 Datasheet HTML 3Page - Texas Instruments UCC28730 Datasheet HTML 4Page - Texas Instruments UCC28730 Datasheet HTML 5Page - Texas Instruments UCC28730 Datasheet HTML 6Page - Texas Instruments UCC28730 Datasheet HTML 7Page - Texas Instruments UCC28730 Datasheet HTML 8Page - Texas Instruments UCC28730 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
VDD
VS
GND
HV
DRV
CS
7
6
5
4
3
2
1
CBC
3
UCC28730-Q1
www.ti.com
SLUSCR9 – JUNE 2017
Product Folder Links: UCC28730-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
P = Power, G = Ground, I = Input, O = Output, I/O = Input/Output
5 Pin Configuration and Functions
D Package
7-Pin SOIC
Top View
Pin Functions(1)
PIN
I/O
DESCRIPTION
NAME
NO.
VDD
1
P
VDD is the bias supply input pin to the controller. A carefully-placed by-pass capacitor to
GND is required on this pin.
VS
2
I
Voltage Sense is an input used to provide voltage feed-back and demagnetization timing to
the controller for output voltage regulation, frequency limiting, constant-current control, line
voltage detection, and output over-voltage detection. This pin is connected to a voltage
divider between an auxiliary winding and GND. The value of the upper resistor of this divider
is used to program the AC-mains run and stop thresholds and line compensation at the CS
pin. This input also detects a qualified wake-up signal when operating in the Wait state.
CBC
3
I
CaBle Compensation is a programming pin for compensation of cable voltage drop. Cable
compensation is programmed with a resistor to GND.
GND
4
G
The GrouND pin is both the reference pin for the controller and the low-side return for the
drive output. Special care should be taken to return all AC decoupling capacitors as close as
possible to this pin and avoid any common trace length with power and signal return paths.
CS
5
I
Current Sense input connects to a ground-referenced current-sense resistor in series with
the power switch. The resulting voltage is used to monitor and control the peak primary
current. A series resistor can be added to this pin to compensate the peak switch current
levels as the rectified bulk voltage varies.
DRV
6
O
DRiVe is an output used to drive the gate of an external high-voltage MOSFET switching
transistor.
HV
7
I
The High Voltage pin connects directly to the rectified bulk voltage and provides charge to
the VDD capacitor for start-up of the power supply.


Similar Part No. - UCC28730

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28730 TI-UCC28730 Datasheet
1Mb / 44P
[Old version datasheet]   Zero-Power Standby PSR Flyback Controller with CVCC and Wake-Up Monitoring
UCC28730D TI-UCC28730D Datasheet
1Mb / 44P
[Old version datasheet]   Zero-Power Standby PSR Flyback Controller with CVCC and Wake-Up Monitoring
UCC28730DR TI-UCC28730DR Datasheet
1Mb / 44P
[Old version datasheet]   Zero-Power Standby PSR Flyback Controller with CVCC and Wake-Up Monitoring
UCC28730 TI-UCC28730_15 Datasheet
1Mb / 44P
[Old version datasheet]   Zero-Power Standby PSR Flyback Controller with CVCC and Wake-Up Monitoring
More results

Similar Description - UCC28730

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28730 TI-UCC28730_15 Datasheet
1Mb / 44P
[Old version datasheet]   Zero-Power Standby PSR Flyback Controller with CVCC and Wake-Up Monitoring
logo
Renesas Technology Corp
IW9860 RENESAS-IW9860 Datasheet
462Kb / 7P
   Zero Standby Power AC/DC Digital Quasi-Resonant Flyback Controller for RapidChargeTM
01-Jul-2022
logo
Texas Instruments
UCC28740-Q1 TI1-UCC28740-Q1 Datasheet
822Kb / 39P
[Old version datasheet]   UCC28740-Q1 Ultra Low Standby, Flyback Controller for Automotive, with Integrated HV Startup and Optocoupler Feedback
logo
ON Semiconductor
NCV1362 ONSEMI-NCV1362_V01 Datasheet
645Kb / 31P
   Automotive Primary Side Flyback Controller
July, 2021 ??Rev. 5
NCV1362 ONSEMI-NCV1362 Datasheet
644Kb / 31P
   Automotive Primary Side Flyback Controller
June, 2021 ??Rev. 4
logo
NXP Semiconductors
PLC18V8Z PHILIPS-PLC18V8Z Datasheet
225Kb / 23P
   Zero standby power CMOS versatile PAL devices
1997 Aug 08
logo
Micro Linear Corporatio...
ML4813 MICRO-LINEAR-ML4813 Datasheet
265Kb / 15P
   Flyback Power Factor Controller
logo
Texas Instruments
LM5185-Q1 TI1-LM5185-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   LM5185-Q1 100-VIN PSR Flyback Automotive DC/DC Controller With Low IQ and Low EMI
REVISED NOVEMBER 2023
LM25185-Q1 TI1-LM25185-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   LM25185-Q1 42-VIN PSR Flyback Automotive DC/DC Controller With Low IQ and Low EMI
NOVEMBER 2023
LM5185-Q1 TI1-LM5185-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   LM5185-Q1 100-VIN, PSR, Flyback, Automotive, DC/DC Controller With Low IQ and Low EMI
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com