Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27712D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27712D
Description  620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27712D Datasheet(HTML) 4 Page - Texas Instruments

  UCC27712D Datasheet HTML 1Page - Texas Instruments UCC27712D Datasheet HTML 2Page - Texas Instruments UCC27712D Datasheet HTML 3Page - Texas Instruments UCC27712D Datasheet HTML 4Page - Texas Instruments UCC27712D Datasheet HTML 5Page - Texas Instruments UCC27712D Datasheet HTML 6Page - Texas Instruments UCC27712D Datasheet HTML 7Page - Texas Instruments UCC27712D Datasheet HTML 8Page - Texas Instruments UCC27712D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
UCC27712
SLUSCE9 – JUNE 2017
www.ti.com
Product Folder Links: UCC27712
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
(1)
Logic operational for HS of –11 V to +600 V at HB–HS = 15 V
7.3 Recommended Operating Conditions
All voltages are with respect to COM, over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply voltage
IGBT applications
10
20
V
MOSFET applications
10
17
HB–HS
Driver bootstrap voltage
IGBT applications
10
20
MOSFET applications
10
17
HS
Source terminal voltage(1)
–11
600
HI, LI
Input voltage with respect to COM
–4
20
TA
Ambient temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
UCC27712
UNIT
(SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
108.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
61.5
°C/W
RθJB
Junction-to-board thermal resistance
57.9
°C/W
ψJT
Junction-to-top characterization parameter
15.3
°C/W
ψJB
Junction-to-board characterization parameter
57.2
°C/W
7.5 Electrical Characteristics
At VDD = VHB = 15 V, COM = VHS = 0, all voltages are with respect to COM, no load on LO and HO, –40°C < TJ < +125°C
(unless otherwise noted). Currents are positive into and negative out of the specified terminal.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY BLOCK
VVDD ON
Turn-on threshold voltage of VDD
8.0
8.9
9.8
V
VVDD OFF
Turn-off threshold voltage of VDD
7.5
8.4
9.3
VVDD HYS
Hysteresis of VDD
0.5
VVHB ON
Turn-on threshold voltage of
VHB–VHS
7.2
8.2
9.2
VVHB OFF
Turn-off threshold voltage of
VHB–VHS
6.4
7.3
8.3
VVHB HYS
Hysteresis of VHB–VHS
0.5
0.9


Similar Part No. - UCC27712D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27712 TI1-UCC27712 Datasheet
1Mb / 39P
[Old version datasheet]   Automotive, 620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27712-Q1 TI1-UCC27712-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Automotive, 620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27712QDQ1 TI1-UCC27712QDQ1 Datasheet
1Mb / 39P
[Old version datasheet]   Automotive, 620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27712QDRQ1 TI1-UCC27712QDRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   Automotive, 620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
More results

Similar Description - UCC27712D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27712-Q1 TI1-UCC27712-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Automotive, 620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27710 TI1-UCC27710 Datasheet
1Mb / 33P
[Old version datasheet]   620-V, 0.5-A, 1.0-A High-Side Low-Side Gate Driver with Interlock
logo
STMicroelectronics
PM8841 STMICROELECTRONICS-PM8841 Datasheet
449Kb / 13P
   1 A low-side gate driver
October 2014 Rev 1
logo
Texas Instruments
UCC27714 TI-UCC27714_15 Datasheet
2Mb / 43P
[Old version datasheet]   High-Speed, 600-V High-Side Low-Side Gate Driver with 4-A Peak Output
logo
Infineon Technologies A...
2EDL803X INFINEON-2EDL803X Datasheet
1Mb / 32P
   120 V boot, 3 A / 4 A, junction-isolated high-side and low-side gate driver IC
Rev. 2.1 2023-04-04
2EDL8X2X INFINEON-2EDL8X2X Datasheet
1Mb / 26P
   120 V Boot, 3 A / 4 A, Junction-Isolated High Side and Low Side Gate Driver ICs
Rev. 2.8, 2022-09-23
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
logo
Rohm
BD2310G ROHM-BD2310G Datasheet
1Mb / 18P
   1ch 4 A High Speed Low-side Gate Driver
26.Mar.2020 Rev.001
logo
ON Semiconductor
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com