Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53681RSBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53681RSBT
Description  Dual-Channel (6-Phase 2-Phase) or (5-Phase 3-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53681RSBT Datasheet(HTML) 1 Page - Texas Instruments

  TPS53681RSBT Datasheet HTML 1Page - Texas Instruments TPS53681RSBT Datasheet HTML 2Page - Texas Instruments TPS53681RSBT Datasheet HTML 3Page - Texas Instruments TPS53681RSBT Datasheet HTML 4Page - Texas Instruments TPS53681RSBT Datasheet HTML 5Page - Texas Instruments TPS53681RSBT Datasheet HTML 6Page - Texas Instruments TPS53681RSBT Datasheet HTML 7Page - Texas Instruments TPS53681RSBT Datasheet HTML 8Page - Texas Instruments TPS53681RSBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 125 page
background image
TPS53681
PWM1
Power
Stage
PMBus
CSP1
PWM2
Power
Stage
CSP2
Power
Stage
PWM6
CSP6
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS53681
SLUSCT1 – JUNE 2017
TPS53681 Dual-Channel (6-Phase + 2-Phase) or (5-Phase + 3-Phase) D-CAP+™ Step-Down
Multiphase Controller with NVM and PMBus™
1
1 Features
1
Conversion Input Voltage Range: 4.5 V to 17 V
8-Bit DAC with Selectable 5 mV or 10 mV
Resolution and Output Ranges from 0.25 V to
1.52 V or 0.5 to 2.8125 V for Dual Channels
Phase Configurations
Maximum (6-Phase + 2-Phase) or (5-Phase +
3-Phase)
Minimum (1-Phase + 1-Phase)
Driverless Configuration for Efficient High-
Frequency Switching
Dynamic Output Voltage Transitions with
Programmable Slew Rates via PMBus Interface
Frequency Selections with Closed-loop Frequency
Control: 300 kHz to 1 MHz
Programmable Internal Loop Compensations
Configurable with Non-Volatile Memory (NVM) for
Low External Component Counts
Individual Phase Current Calibrations and Reports
Dynamic Phase Shedding with Programmable
Current Threshold for Optimizing Efficiency at
Light and Heavy Loads
Fast Phase-Adding for Undershoot Reduction
(USR)
Fully Compatible with TI NextFET™ Power Stage
for High-Density Solutions
Accurate, Adjustable Voltage Positioning
Patented AutoBalance™ Phase Balancing
Selectable, 16-level Per-Phase Current Limit
PMBus™ System Interface for Telemetry of
Voltage, Current, Power, Temperature, and Fault
Conditions
Low Quiescent Current
5 mm × 5 mm, 40-Pin, QFN PowerPad™ Package
2 Applications
ASIC Needs Dual Power Rails
High-Performance Processor Power
Networking Processor Power (Broadcom®,
Cavium®)
High-Current FPGA Power (Intel®, Xilinx®)
High-Performance ARM Processor Power
3 Description
The TPS53681 is a multiphase step-down controller
with dual channels, built-in non-volatile memory
(NVM),
and
PMBus™
interface,
and
is
fully
compatible with TI NexFET ™power stage. Advanced
control features such as D-CAP+™ architecture with
undershoot reduction (USR) provide fast transient
response,
low
output
capacitance,
and
high
efficiency. The device also provides novel phase
interleaving strategy and dynamic phase shedding for
efficiency improvement at different loads. The device
supports
fast
dynamic
voltage
transitions
with
adjustable slew rate. In addition, the device supports
the PMBus communication interface for reporting the
telemetry of voltage, current, power, temperature, and
fault conditions to the systems. All programmable
parameters
can
be
configured
by
the
PMBus
interface and can be stored in NVM as the new
default values to minimize the external component
count.
The TPS53681 device is offered in a thermally
enhanced 40-pin QFN packaged and is rated to
operate from –40°C to 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS53681
QFN (40)
5 mm × 5 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application


Similar Part No. - TPS53681RSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53685 TI-TPS53685 Datasheet
1Mb / 11P
[Old version datasheet]   TPS53685 Dual-Channel (N M ≤ 8 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS53685RSBR TI-TPS53685RSBR Datasheet
1Mb / 11P
[Old version datasheet]   TPS53685 Dual-Channel (N M ≤ 8 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS53688 TI1-TPS53688 Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
TPS53688RSBR TI1-TPS53688RSBR Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
TPS53688RSBT TI1-TPS53688RSBT Datasheet
200Kb / 8P
[Old version datasheet]   TPS53688 Dual-Channel (N M ??8 phase) D-CAP?? Step-Down, Digital Multiphase Controller with VR13.HC SVID
More results

Similar Description - TPS53681RSBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53679 TI1-TPS53679 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (6-Phase 1-Phase) or (5-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS53659 TI1-TPS53659 Datasheet
744Kb / 11P
[Old version datasheet]   Dual-Channel (4-Phase 1-Phase) or (3-Phase 2-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server Memory
TPS53622 TI1-TPS53622 Datasheet
730Kb / 11P
[Old version datasheet]   Dual-Channel (1-Phase 1-Phase) or (2-Phase 0-Phase) D-CAP Step-Down Multiphase Controller with NVM and PMBus for VR13 Server
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
TPS536C9 TI-TPS536C9_V01 Datasheet
1Mb / 11P
[Old version datasheet]   TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
DECEMBER 2021
TPS536C9 TI-TPS536C9 Datasheet
568Kb / 8P
[Old version datasheet]   TPS536C9 Dual-channel (N M ??12 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS53689 TI-TPS53689 Datasheet
525Kb / 8P
[Old version datasheet]   TPS53689 Dual-channel (N M ??8 phase) D-CAP?? Step-down, Multiphase Controller with PMBus and VR14 SVID Interfaces
JUNE 2021
TPS536C5 TI-TPS536C5 Datasheet
872Kb / 14P
[Old version datasheet]   TPS536C5 Dual-Channel (N M ≤ 12 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS53685 TI-TPS53685 Datasheet
1Mb / 11P
[Old version datasheet]   TPS53685 Dual-Channel (N M ≤ 8 phase) D-CAP™, Step-Down, Multiphase Controller with AMD-SVI3 and PMBus Interfaces
DECEMBER 2022
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
[Old version datasheet]   Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com