Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCA9535 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part No. TCA9535
Description  Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9535 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TCA9535 Datasheet HTML 10Page - Texas Instruments TCA9535 Datasheet HTML 11Page - Texas Instruments TCA9535 Datasheet HTML 12Page - Texas Instruments TCA9535 Datasheet HTML 13Page - Texas Instruments TCA9535 Datasheet HTML 14Page - Texas Instruments TCA9535 Datasheet HTML 15Page - Texas Instruments TCA9535 Datasheet HTML 16Page - Texas Instruments TCA9535 Datasheet HTML 17Page - Texas Instruments TCA9535 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
14
TCA9535
SCPS201D – AUGUST 2009 – REVISED JULY 2016
www.ti.com
Product Folder Links: TCA9535
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TCA9535 device is a 16-bit I/O expander for the I2C bus and is designed for 1.65-V to 5.5-V VCC operation.
It provides general-purpose remote I/O expansion for most microcontroller families via the I2C interface.
The TCA9535 consists of two 8-bit Configuration (input or output selection), Input Port, Output Port, and Polarity
Inversion (active-high or active-low operation) registers. At power-on, the I/Os are configured as inputs. The
system master can enable the I/Os as either inputs or outputs by writing to the I/O configuration register bits. The
data for each input or output is kept in the corresponding Input or output register. The polarity of the Input Port
register can be inverted with the Polarity Inversion register. All registers can be read by the system master.
The TCA9535 open-drain interrupt (INT) output is activated when any input state differs from its corresponding
Input Port register state and is used to indicate to the system master that an input state has changed.
INT can be connected to the interrupt input of a microcontroller. By sending an interrupt signal on this line, the
remote I/O can inform the microcontroller if there is incoming data on its ports without having to communicate via
the I2C bus. Thus, the TCA9535 can remain a simple slave device.
The device outputs (latched) have high-current drive capability for directly driving LEDs. The device has low
current consumption.
The TCA9535 device is similar to the PCA9555, except for the removal of the internal I/O pull-up resistor, which
greatly reduces power consumption when the I/Os are held low. The TCA9535 is equivalent to the PCA9535 with
lower voltage support (down to VCC = 1.65 V), and also improved power-on-reset circuitry for different application
scenarios.
Three hardware pins (A0, A1 and A2) are used to program and vary the fixed I2C address and allow up to 8
devices to share the same I2C bus or SMBus.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn