Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1860-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1860-Q1
Description  Automotive, 4-Channel or 2-Channel, 192-kHz, Audio ADCs
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1860-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  PCM1860-Q1 Datasheet HTML 1Page - Texas Instruments PCM1860-Q1 Datasheet HTML 2Page - Texas Instruments PCM1860-Q1 Datasheet HTML 3Page - Texas Instruments PCM1860-Q1 Datasheet HTML 4Page - Texas Instruments PCM1860-Q1 Datasheet HTML 5Page - Texas Instruments PCM1860-Q1 Datasheet HTML 6Page - Texas Instruments PCM1860-Q1 Datasheet HTML 7Page - Texas Instruments PCM1860-Q1 Datasheet HTML 8Page - Texas Instruments PCM1860-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 141 page
background image
5
PCM1860-Q1, PCM1861-Q1, PCM1862-Q1
PCM1863-Q1, PCM1864-Q1, PCM1865-Q1
www.ti.com
SLASE64A – DECEMBER 2014 – REVISED JUNE 2017
Product Folder Links: PCM1860-Q1 PCM1861-Q1 PCM1862-Q1 PCM1863-Q1 PCM1864-Q1 PCM1865-Q1
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Revision History (continued)
Changed text in Bypassing the Internal LDO to Reduce Power Consumption section to clarify TDM mode with 1.8-V
IOVDD operation .................................................................................................................................................................. 61
Added text "The I
2C control port.." to the I2C Interface section............................................................................................ 64
Changed pin numbers in Table 22 from "15, 16, 14" to "23, 24, 25" ................................................................................... 64
Added Real World Software Configuration using EnergySense and Controlsense section................................................. 65
Added more detail toProgramming DSP Coefficients on Software-Controlled Devices section, and moved to new
location ................................................................................................................................................................................. 68
Added Hardware Control section ......................................................................................................................................... 71
Added Dual PCM186x-Q1 TDM Functionality section ......................................................................................................... 73
Added new paragraph to end of Analog Front-End Circuit For Single-Ended, Line-In Applications section ....................... 74
Added design examples and associated subsections to Typical Application section .......................................................... 75
Changed 1.8-V Support section; clarified that both IOVDD and LDO must be driven with 1.8 V in 1.8-V mode ................ 79
Added Brownout Conditions section..................................................................................................................................... 79
Added test condition to step 3 in Power Up Sequence section; (PLL requires < 250 µs) ................................................... 80
Changed Layout section for clarity ...................................................................................................................................... 84
Deleted old Figure 64, PCM1865-Q1 EVM Signal Partitioning; redundant, and same information shown in Figure 74 .... 84
Changed Figure 75 for clarity ............................................................................................................................................... 85
Changed "0xFF" to "0xFE" in last sentence of Register Map Description section ............................................................... 85
Changed values for register 3, bits 6-0; changed from "RSV" to correct bit names ........................................................... 86
Changed bits 4 and 3 from 1 and 0 to RSV, respectively, in register 27 ............................................................................. 86
Changed register 44 (0x2C) from reserved ("RSV") to actual bit names ............................................................................. 87
Changed registers 52 and 53 to registers 51 and 52, respectively ...................................................................................... 87
Changed TX_WLEN bit option 00 description from "Reserved" to "32-bit" in Page 0, register 11 ...................................... 95
Changed GPIO0_FUNC for 001 from "SPI MISO (Out:Default)" to "Digital MIC Input 0 (In)" and for 010 from
"RESERVED" to "SPI MISO (Out)" in register 16 ................................................................................................................ 98
Changed "DPGA" to "APGA" in description column for bits 3, 2, 1, and 0 in register 25 .................................................. 104
Changed DIV_NUM default value in page 0, register 33 from "000 0001" to "000 0000" ................................................. 106
Changed names and descriptions of master mode clock dividers in registers 37, 38, and 39 for clarity .......................... 108
Changed "Divider" to "Multiplier" in R[3:0] description for register 42................................................................................ 110
Changed values for R[3:0] from 1, 1/2, 1/3, 1/4, and 1/16 to 1, 2, 3, 4, and 16, respectively .......................................... 110
Changed "Divider" to "Multiplier" in J[5:0] description for register 43 ................................................................................ 111
Changed "Divider" to "Multiplier" in D_LSB[7:0] description for register 44 ....................................................................... 111
Changed "Divider" to "Multiplier" in D_MSB[5:0] description for register 45 ...................................................................... 111
Changed register 52 to register 51..................................................................................................................................... 114
Changed register 53 to register 52..................................................................................................................................... 115
Changed bit 3 from CLKERR to RSV in register 96........................................................................................................... 123
Deleted bit 3 from CLKERR to RSV in register 97 ............................................................................................................. 124
Changed default values in page 1: register 1 for bits 4, 2, 1, and 0 from "1" to "0", and updated descriptions for clarity. 129


Similar Part No. - PCM1860-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1860 TI1-PCM1860 Datasheet
6Mb / 115P
[Old version datasheet]   4ch Audio ADCs With Universal Front End
PCM1860DBT TI1-PCM1860DBT Datasheet
6Mb / 115P
[Old version datasheet]   4ch Audio ADCs With Universal Front End
PCM1860DBTR TI1-PCM1860DBTR Datasheet
6Mb / 115P
[Old version datasheet]   4ch Audio ADCs With Universal Front End
PCM1860 TI-PCM1860_15 Datasheet
5Mb / 115P
[Old version datasheet]   PCM186x 103 dB 2ch and 4ch Audio ADCs With Universal Front End
More results

Similar Description - PCM1860-Q1

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4619 AKM-AK4619 Datasheet
1Mb / 73P
   192 kHz 4-ch Audio CODEC
logo
List of Unclassifed Man...
STAC9460 ETC1-STAC9460 Datasheet
210Kb / 21P
   Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
logo
Texas Instruments
PCM5310 TI-PCM5310 Datasheet
1Mb / 103P
[Old version datasheet]   24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
logo
Cirrus Logic
CS5364 CIRRUS-CS5364_09 Datasheet
380Kb / 42P
   114 dB, 192 kHz, 4-Channel A/D Converter
CS5364 CIRRUS-CS5364_08 Datasheet
592Kb / 41P
   114 dB, 192 kHz, 4-Channel A/D Converter
CS5364 CIRRUS-CS5364 Datasheet
708Kb / 41P
   114 dB, 192 kHz, 4-Channel A/D Converter
logo
Texas Instruments
PCM1840 TI1-PCM1840 Datasheet
1Mb / 34P
[Old version datasheet]   PCM1840 Quad Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
PCM1820 TI-PCM1820_V01 Datasheet
3Mb / 41P
[Old version datasheet]   PCM182x Stereo Channel, 32-Bit, 192-kHz, Burr-BrownTM Audio ADC
logo
Cirrus Logic
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
   192 kHz Digital Audio Interface Transmitter
CS8416 CIRRUS-CS8416_07 Datasheet
991Kb / 60P
   192 kHZ DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com