Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S1A05000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. S1A05000
Description  SIP REED RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

S1A05000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
65 SHARK RIVER ROAD, NEPTUNE, NEW JERSEY 07753-7423
TOLL FREE 1 (888) 922-8330
Fax (732) 922-6363
n Dimensions
n Specifications
Life Expectancy
10 (signal level)
250VDC across open contact
1000VDC between coil and contact
Operating Temperature
-40°C ~ +85°C
Storage Temperature
-50°C ~ +125°C
Minimum Permissible Load
100mVDC 10 µA
Vibration
20g (10 ~ 2000Hz)
Shock
30g (11ms. 1/2 sine wave)
Resonant Frequency
3.5KHz
11
8
Minimum Breakdown Voltage
*High Resistance Coil Type
PCB Layout
Circuit
Schematic
Top View
1A
SPST-NO
1C
SPDT-CO
1A*
SPST-NO
(With Magnetic Shield)
Item
Contact Form
1A
Contact Resistance
100mW max. initial
Operate Time
0.5msec max.
Bounce Time
0.5msec max.
Release Time
0.2msec max.
Insulation Resistance
10 W min.
Power
10VA max.
Switching Voltage
200VDC max.
Switching Current
0.5Amps max.
Carry Current
1.0Amps max.


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
D2A050000REED RELAY 1 COSMO Electronics Corporation
M1A050M00Reed Relay 1 COSMO Electronics Corporation
M1C120M00REED RELAY 1 COSMO Electronics Corporation
CPC1218Y4-Pin SIP OptoMOS Relay 1 2 3 4 5 Clare, Inc.
D1A120D00REED RELAY 1 2 List of Unclassifed Manufacturers
C2C050001Reed Relay 1 List of Unclassifed Manufacturers
V2C241000Reed Relay 1 COSMO Electronics Corporation
D1C240000REED RELAY 1 COSMO Electronics Corporation
DH1A050000REED RELAY 1 COSMO Electronics Corporation
V2C121000Reed Relay 1 COSMO Electronics Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn