Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM871-H7 Datasheet(PDF) 5 Page - Rohm

Part # RPM871-H7
Description  IrDA Infrared communication Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RPM871-H7 Datasheet(HTML) 5 Page - Rohm

  RPM871-H7 Datasheet HTML 1Page - Rohm RPM871-H7 Datasheet HTML 2Page - Rohm RPM871-H7 Datasheet HTML 3Page - Rohm RPM871-H7 Datasheet HTML 4Page - Rohm RPM871-H7 Datasheet HTML 5Page - Rohm RPM871-H7 Datasheet HTML 6Page - Rohm RPM871-H7 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RPM871-H7
Photo Link Module
!
!
!
!
Timing chart
less than 45
µs
(emitting)
more than 45
µs
approximately 45
µs
less than 2.3
µs
more than 2.3
µs
approximately 2.3
µs
approximately 2.3
µs
pull up to VCC at approximately 300k
(emitting)
(emitting)
(Emitting side)
(Detecting side)
TXD
(7pin)
Internal LED
(Light output)
Light input
RXD
(6pin)
PWDOWN
(5pin)
!
!
!
!
Attached components
Recommended values
Part symbol
C1
Recommended value
Notice
1
µF, tantalum or ceramic
Ex.) TCFGA1A105M8R (ROHM)
Bigger capacitance is recommended with much noise from power supply
R1
7.5
Ω±5%, 1/4W
(VLEDVCC
=2.8V)
More than 60cm distance, more than 4[
µW/cm2] at detecting side.
(vs ver1.0)
More than 46cm distance, more than 6.8[
µW/cm2] at detecting side.
(vs RPM871-H7)
In case of using R1 with different condition from the above, formula is as follows :
LED resistance value : R1[
Ω], LED average consumption current : ILED[mA], Supply voltage : VLEDVCC[V],
Link distance : d[cm] (Including LED’s distribution within
±15deg)
R1=T
× (VLEDVCC−1.45) / d2−3.5 [Ω]
ILED=Duty
× (VLEDVCC−1.36) / (R1+2.5) [A]
Duty : LED duty at emitting
T : 17300 (vs. RPM871-H7), 29400 (vs. ver1.0)
∗ Please set up to be ILED / Duty < 200[mA]
(Duty
< 20%)


Similar Part No. - RPM871-H7

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM871-H12 ROHM-RPM871-H12 Datasheet
103Kb / 8P
   IrDA Infrared communication Module
RPM871-H12 ROHM-RPM871-H12 Datasheet
83Kb / 8P
   IrDA Infrared communication Module
RPM871-H12E4A ROHM-RPM871-H12E4A Datasheet
83Kb / 8P
   IrDA Infrared communication Module
RPM871-H14 ROHM-RPM871-H14 Datasheet
104Kb / 8P
   IrDA Infrared communication Module
More results

Similar Description - RPM871-H7

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM872-H7 ROHM-RPM872-H7 Datasheet
89Kb / 7P
   IrDA infrared communication module
RPM882-H14 ROHM-RPM882-H14 Datasheet
126Kb / 10P
   IrDA Infrared Communication Module
RPM871-H12 ROHM-RPM871-H12 Datasheet
103Kb / 8P
   IrDA Infrared communication Module
RPM841-H16 ROHM-RPM841-H16 Datasheet
92Kb / 10P
   IrDA Infrared Communication Module
RPM841-H11 ROHM-RPM841-H11 Datasheet
119Kb / 10P
   IrDA Infrared Communication Module
RPM922-H11 ROHM-RPM922-H11 Datasheet
99Kb / 6P
   IrDA Infrared Communication Module
RPM872-H14 ROHM-RPM872-H14_06 Datasheet
94Kb / 7P
   IrDA infrared communication module
RPM871-H12E4A ROHM-RPM871-H12E4A Datasheet
83Kb / 8P
   IrDA Infrared communication Module
RPM970-H14 ROHM-RPM970-H14 Datasheet
127Kb / 8P
   IrDA Infrared Communication Module
RPM972-H14 ROHM-RPM972-H14 Datasheet
117Kb / 10P
   IrDA Infrared Communication Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com