Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWK31043-C01-TRF-X Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LWK31043-C01-TRF-X
Description  ROUND TYPE LED LAMPS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LWK31043-C01-TRF-X Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

Back Button LWK31043-C01-TRF-X Datasheet HTML 2Page - LIGITEK electronics co., ltd. LWK31043-C01-TRF-X Datasheet HTML 3Page - LIGITEK electronics co., ltd. LWK31043-C01-TRF-X Datasheet HTML 4Page - LIGITEK electronics co., ltd. LWK31043-C01-TRF-X Datasheet HTML 5Page - LIGITEK electronics co., ltd. LWK31043-C01-TRF-X Datasheet HTML 6Page - LIGITEK electronics co., ltd. LWK31043-C01-TRF-X Datasheet HTML 7Page - LIGITEK electronics co., ltd. LWK31043-C01-TRF-X Datasheet HTML 8Page - LIGITEK electronics co., ltd. LWK31043-C01-TRF-X Datasheet HTML 9Page - LIGITEK electronics co., ltd. LWK31043-C01-TRF-X Datasheet HTML 10Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
P
L
P2
T
W0
W1
W2
W3
maxmum
P1
LWK31043-C01/TRF-X
Iside Reel Flange Thickness
Overall Reel Thickness
2000PCS
T1
T
30.0
---
1.18
---
50.0
57.2
-------
Tape Width
Dimensions Symbol Information
REMARK:TRF=Tape And Reel Forming Leads
Core Diameter
Hub Recess Inside Diameter
Arbor Hole Diameter
Reel Diameter
Description
inch
mm
mm
34.9
D1
D3
D2
13.8
28.6
D
78.2
1.37
102
0.54
1.13
38.1
88.0
3.08
380
minimum
Symbol
Specification
Lead Length After Component Height
Overall Taped Package Thickness
Center Of Component Location
Feed Hole Location
Adhesive Tape Position
Adhesive Tape Width
Feed Hole Pitch
Lead Location
-------
-------
-------
-------
-------
-------
-------
-------
T1 T2
1.97
2.25
0.75
0.69
19.0
17.5
D1
D2
D
Package Dimensions
inch
MARKING
4.02
1.5
3.46
14.96
D3
11.0
13.0
7.7
1.42
9.75
4.0
15.5
4.55
-------
-------
14.5
0
8.5
0.57
0
0.33
W0
5.1
3.15
12.4
0.2
0.12
0.49
0.06
0.61
0.16
0.38
0.18
0.3
0.51
0.43
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
SYMBOL
F
D
H
H1
H2
H
OPTION
CODE
SYMBOL ITEMS
Feed Hole To Overall Component Height
Feed Hole To Bottom Of Component
TRF-20
TRF-22
TRF-23
-------
TRF-21
TRF-18
TRF-19
TRF-16
TRF-17
Front-To-Rear Deflection
Height Of Seating Plane
Component Lead Pitch
Tape Feed Hole Diameter
-------
TRF-14
TRF-15
-------
TRF-13
-------
-------
Dimensions Symbol Information
PART NO. LWK31043-C01/TRF-X
Maximum
Minimum
28.5
23.0
21.5
19.5
18.0
27.0
22.5
36
27.5
0.81
20.5
22.0
27.5
-------
25.0
0.87
1.08
-------
0.98
20.5
25.5
18.5
17.5
0.81
1.0
0.73
0.69
0.89
0.91
1.12
1.42
1.06
0.85
1.08
0.77
0.71
23.5
23.7
20.0
5.8
4.2
mm
16.5
2.0
-------
-------
22.5
21.7
19.0
15.5
0.89
0.85
0.75
0.61
3.8
4.8
mm
0.15
0.19
inch
0.08
0.93
0.93
0.65
0.79
0.17
0.23
inch
SPECIFICATIONS
Page 6/9


Similar Part No. - LWK31043-C01-TRF-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LWK31643-A LIGITEK-LWK31643-A Datasheet
202Kb / 9P
   ROUND TYPE LED LAMPS
More results

Similar Description - LWK31043-C01-TRF-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com