Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP60N06VDK-E2-AY Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # NP60N06VDK-E2-AY
Description  60 V ??60 A ??N-channel Power MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP60N06VDK-E2-AY Datasheet(HTML) 1 Page - Renesas Technology Corp

  NP60N06VDK-E2-AY Datasheet HTML 1Page - Renesas Technology Corp NP60N06VDK-E2-AY Datasheet HTML 2Page - Renesas Technology Corp NP60N06VDK-E2-AY Datasheet HTML 3Page - Renesas Technology Corp NP60N06VDK-E2-AY Datasheet HTML 4Page - Renesas Technology Corp NP60N06VDK-E2-AY Datasheet HTML 5Page - Renesas Technology Corp NP60N06VDK-E2-AY Datasheet HTML 6Page - Renesas Technology Corp NP60N06VDK-E2-AY Datasheet HTML 7Page - Renesas Technology Corp NP60N06VDK-E2-AY Datasheet HTML 8Page - Renesas Technology Corp NP60N06VDK-E2-AY Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R07DS1340EJ0100 Rev.1.00
Page 1 of 7
Apr 8, 2016
Data Sheet
NP60N06VDK
60 V – 60 A – N-channel Power MOS FET
Application: Automotive
Description
NP60N06VDK is N-channel MOS Field Effect Transistor designed for high current switching applications.
Features
• Super low on-state resistance
⎯ R
DS(on)1 = 7.9 mΩ MAX. (VGS = 10 V, ID = 30 A)
• Low C
iss: Ciss = 2400 pF TYP. (VDS = 25 V)
• Designed for automotive application and AEC-Q101 qualified
Outline
Source
Body
Diode
Gate
Drain
TO-252(MP-3ZP)
Equivalent circuit
Remark: Strong electric field, when exposed to this device, can cause destruction of the gate oxide and
ultimately degrade the device operation. Steps must be taken to stop generation of static electricity
as much as possible, and quickly dissipate it once, when it has occurred.
Ordering Information
Part No.
Lead Plating
Packing
Package
NP60N06VDK-E1-AY *
1
Pure Sn (Tin)
Tape 800 p/reel
Taping (E1 type)
TO-252(MP-3ZP)
NP60N06VDK-E2-AY *
1
Taping (E2 type)
Note: *1. Pb-free (This product does not contain Pb in the external electrode)
R07DS1340EJ0100
Rev.1.00
Apr 8, 2016


Similar Part No. - NP60N06VDK-E2-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP60N06VDK-E2-AY RENESAS-NP60N06VDK-E2-AY Datasheet
442Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET Application: Automotive
NP60N06VDK-E2-AY RENESAS-NP60N06VDK-E2-AY Datasheet
442Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
More results

Similar Description - NP60N06VDK-E2-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP60N06VLK RENESAS-NP60N06VLK Datasheet
552Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06MLK RENESAS-NP60N06MLK Datasheet
545Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06PLK RENESAS-NP60N06PLK Datasheet
544Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
NP60N06MLK RENESAS-NP60N06MLK_V01 Datasheet
445Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N60VDK RENESAS-NP60N60VDK Datasheet
442Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET Application: Automotive
NP60N06VDK RENESAS-NP60N06VDK_V01 Datasheet
442Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06PDK RENESAS-NP60N06PDK_V01 Datasheet
528Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06VLK RENESAS-NP60N06VLK_V01 Datasheet
446Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP60N06PLK RENESAS-NP60N06PLK_V01 Datasheet
529Kb / 9P
   60 V – 60 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP89N06PDK RENESAS-NP89N06PDK Datasheet
548Kb / 9P
   60 V ??90 A ??N-channel Power MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com