Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RN1414 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part No. RN1414
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

RN1414 Datasheet(HTML) 2 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RN1414
~RN1418
2001-06-07
2
Electrical Characteristics (Ta = 25
°°°°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
RN1414~1418
ICBO
VCB = 50V, IE = 0
100
nA
Collector cut-off
current
RN1414~1418
ICEO
VCE = 50V, IB = 0
500
nA
RN1414
VEB = 5V, IC = 0
0.35
0.65
RN1415
VEB = 6V, IC = 0
0.37
0.71
RN1416
VEB = 7V, IC = 0
0.36
0.68
RN1417
VEB = 15V, IC = 0
0.78
1.46
Emitter cut-off current
RN1418
IEBO
VEB = 25V, IC = 0
0.33
0.63
mA
RN1414~16,
18
50
DC current gain
RN1417
hFE
VCE = 5V, IC = 10mA
30
Collector-emitter
saturation voltage
RN1414~1418
VCE (sat)
IC = 5mA, IB = 0.25mA
0.1
0.3
V
RN1414
0.6
2.0
RN1415
0.7
2.5
RN1416
0.8
2.5
RN1417
1.5
3.5
Input voltage (ON)
RN1418
VI (ON)
VCE = 0.2V, IC = 5mA
2.5
10.0
V
RN1414
0.3
0.9
RN1415
0.3
1.0
RN1416
0.3
1.1
RN1417
0.3
2.3
Input voltage (OFF)
RN1418
VI (OFF)
VCE = 5V, IC = 0.1mA
0.5
5.7
V
Transition frequency
RN1414~1418
fT
VCE = 10V, IC = 5mA
250
MHz
Collector Output
capacitance
RN1414~1418
Cob
VCB = 10V, IE = 0,
f = 1MHz
3.0
6.0
pF
RN1414
0.7
1.0
1.3
RN1415
1.54
2.2
2.86
RN1416
3.29
4.7
6.11
RN1417
7.0
10.0
13.0
Input resistor
RN1418
R1
32.9
47.0
61.1
kΩ
RN1414
0.1
RN1415
0.22
RN1416
0.47
RN1417
2.13
Resistor ratio
RN1418
R1/R2
4.7


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn