Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RN1210 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. RN1210
Description  TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

RN1210 Datasheet(HTML) 1 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RN1210,RN1211
2001-06-07
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
RN1210,RN1211
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
l With built-in bias resistors.
l Simplify circuit design
l Reduce a quantity of parts and manufacturing process
l Complementary to RN2210, RN2211
Equivalent Circuit
Maximum Ratings (Ta = 25
°°°°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
Ic
100
mA
Collector power dissipation
Pc
300
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Electrical Characteristics (Ta = 25
°°°°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 50V, IE = 0
100
nA
Emitter cut-off current
IEBO
VEB = 5V, IC = 0
100
nA
DC current gain
hFE
VCE = 5V, IC = 1mA
120
700
Collector-emitter saturation voltage
VCE (sat)
IC = 5mA, IB = 0.25mA
0.1
0.3
V
Translation frequency
fT
VCE = 10V, IC = 5mA
250
MHz
Collector output capacitance
Cob
VCB = −10V, IE = 0, f = 1MHz
3
6
pF
RN1210
3.29
4.7
6.11
Input resistor
RN1211
R1
7
10
13
kΩ
JEDEC
EIAJ
TOSHIBA
2-4E1A
Weight: 0.13g
Unit: mm


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn