Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8352AL2-AX Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PS8352AL2-AX
Description  ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8352AL2-AX Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PS8352AL2-AX Datasheet HTML 7Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 8Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 9Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 10Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 11Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 12Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 13Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 14Page - Renesas Technology Corp PS8352AL2-AX Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
PS8352AL2
Chapter Title
R08DS0132EJ0100 Rev.1.00
Page 11 of 19
Aug 31, 2015
Input Voltage VIN+ (V)
Frequency f (Hz)
Supply Voltage VDD1, VDD2 (V)
Input Voltage VIN (V)
Ambient Temperature Ta (°C)
Input Voltage VIN (V)
OUTPUT VOLTAGE vs. INPUT VOLTAGE
INPUT CURRENT vs. INPUT VOLTAGE
FREQUENCY vs.
AMBIENT TEMPERATURE
GAIN vs. FREQUENCY
FREQUENCY vs. SUPPLY VOLTAGE
SUPPLY CURRENT vs. INPUT VOLTAGE
1
1.5
2
2.5
3
3.5
4
-0.4
-0.2
0
0.2
0.4
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
-0.4
-0.2
0.0
0.2
0.4
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-0.4
-0.2
0.0
0.2
0.4
-8
-7
-6
-5
-4
-3
-2
-1
0
1
10
100
1000
10000
100000 1000000
0.0
20.0
40.0
60.0
80.0
100.0
120.0
-50
-25
0
25
50
75
100
125
0.0
20.0
40.0
60.0
80.0
100.0
120.0
4.5
4.75
5
5.25
5.5
VOUT+
VOUT-
IDD1
IDD2
VDD1 = VDD2 = 5 V
VDD1 = VDD2 = 5 V
VDD1 = VDD2 = 5 V
VIN- = 0 V
VDD1 = VDD2 = 5 V
VIN- = 0 V
VIN+ = 200 mVp-p sine wave
VDD1 = VDD2 = 5 V
VIN- = 0 V
VIN+ = 200 mVp-p sine wave
VDD1 = VDD2 = 5 V
VIN- = 0 V
VIN+ = 200 mVp-p sine wave
Remark
The graphs indicate nominal characteristics.


Similar Part No. - PS8352AL2-AX

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS83 COPAL-PS83 Datasheet
87Kb / 4P
   PRESSURE SWITCHES
PS83-102A COPAL-PS83-102A Datasheet
87Kb / 4P
   PRESSURE SWITCHES
PS83-102A-R2 COPAL-PS83-102A-R2 Datasheet
87Kb / 4P
   PRESSURE SWITCHES
PS83-102A-VCR COPAL-PS83-102A-VCR Datasheet
87Kb / 4P
   PRESSURE SWITCHES
PS83-102G COPAL-PS83-102G Datasheet
87Kb / 4P
   PRESSURE SWITCHES
More results

Similar Description - PS8352AL2-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8551AL4 CEL-PS8551AL4 Datasheet
942Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
Renesas Technology Corp
PS8551L4_15 RENESAS-PS8551L4_15_15 Datasheet
275Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4 RENESAS-PS8551L4 Datasheet
284Kb / 19P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551AL4 RENESAS-PS8551AL4_15 Datasheet
367Kb / 20P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
California Eastern Labs
PS8551L4 CEL-PS8551L4 Datasheet
3Mb / 18P
   ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS9551-L4 CEL-PS9551-L4 Datasheet
201Kb / 11P
   HIGH CMR, DIGITAL OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER (SIGMA-DELTA MODULATOR)
logo
Burr-Brown (TI)
3656 BURR-BROWN-3656 Datasheet
149Kb / 17P
   Transformer Coupled ISOLATION AMPLIFIER
ISO100 BURR-BROWN-ISO100 Datasheet
202Kb / 15P
   Optically-Coupled Linear ISOLATION AMPLIFIER
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com