Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMPA0913C-58 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RMPA0913C-58
Description  3.5V AMPS/CDMA Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RMPA0913C-58 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RMPA0913C-58 Datasheet HTML 1Page - List of Unclassifed Manufacturers RMPA0913C-58 Datasheet HTML 2Page - List of Unclassifed Manufacturers RMPA0913C-58 Datasheet HTML 3Page - List of Unclassifed Manufacturers RMPA0913C-58 Datasheet HTML 4Page - List of Unclassifed Manufacturers RMPA0913C-58 Datasheet HTML 5Page - List of Unclassifed Manufacturers RMPA0913C-58 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Raytheon RF Components
362 Lowell Street
Andover, MA 01810
Revised March 30, 2000
Page 5
www.raytheon.com/micro
Characteristic performance data and specifications are subject to change without notice.
PRODUCT INFORMATION
Table 1
Further Important
Application
Information
An optimal output match for dual mode applications is set by connecting capacitors C8 and
C9 to the package pin using approximately 0.233 inches of a 50 ohm transmission line.
These capacitors should be located adjacent to each other and separated by 0.010 inches.
Lower efficiency will result if a single capacitor of equivalent value were substituted. Fine
adjust the capacitors location to obtain a uniform saturated output power response versus
frequency using a single tone RF input. Saturated output power is typically measured at
+7dBm input power and should be 32.3 to 32.5dBm with a 3.5 volt supply. This condition
will yield typically 50dBc ACPR1 and 60dBc ACPR2 at 28.5dBm output power and a 3.5 volt
supply using a CDMA waveform. If a greater than 50 ohm impedance transmission line is
used to conserve space, transition the line to 50 ohms slightly prior to the optimum tuning
point to avoid undesirable effects from the otherwise residual inductance following the
tuning elements. Once the optimum tuning point has been established this remains fixed for
all other amplifiers. For the dc bias injection circuit choose an inductor with a maximum
series resistance rating of less than 0.15 ohms for best efficiency and overall performance
versus supply voltage. The two 1.5uF tantalum bypass capacitors chosen for this circuit are
low ESR type capacitors with a maximum rating of 1.5 ohms. The capacitor ESR is critical
for achieving the best ACPR possible from the amplifier. Other capacitors may be
substituted, although larger values may be necessary to achieve equivalent performance.
These components should be placed at the tie point for VD1 and VD2 and as close to the
amplifier as possible. Finally, connect pins 1-3 using one solid metal pad as opposed to
three individual pads for each pin.
Same as pin 1.
Same as pin 1.
Place component C12
≤ 0.080 inches from the package pin.
Connect pin immediately to the package base solder pad.
Place components R1 and C11
≤ 0.080 inches from the package pin.
Same as pin 5.
The amplifier input is optimally matched to 50 ohms by locating capacitor C2 at a distance
of 0.138 inches from the package pin. If it is not possible to obtain this separation, adjust
the value of inductor L1 to compensate and obtain the desired match.
Same as pin 5.
Place component C3
≤ 0.080 inches from the package pin. The dc resistance of inductor L2
should be
≤ 0.5 ohms to obtain optimum amplifier performance. Also, connect VD1 and
VD2 at the board component surface and route VG1 and VG2 bias lines to other conductor
layers to minimize any additional ohmic losses on the drain supply line.
Connect to a low impedance negative voltage power supply for stage 2 current control.
From pinchoff, adjust VG2 voltage to achieve 155mA of stage 2 current, ID2. This current is
optimum for high power CDMA operation up to 28.5dBm output power. For improved
performance, adjust to lower current for low power CDMA and analog modes of operation.
Since both stage 1 and stage 2 drains contribute to the total amplifier current the first
stage must be pinched off while adjusting VG2 for a specific ID2 current. A pinchoff
condition is achieved by applying -2.0 to -5.0 volts to the gate pins, VG1 and VG2.
Connect to a low impedance negative voltage power supply for stage 1 current control, ID1.
From pinchoff, adjust VG1 voltage to achieve 35mA of stage 1 current.
The solder pad for this package should be 0.210 inches square. Fill the pad with several
plated-thru vias connecting the pad surface to the RF input and output ground planes.
Insufficient grounding of the package base may cause the amplifier to oscillate or result in
poor amplifier performance.
1
RF OUT AND VD2
2
RF OUT AND VD2
3
RF OUT AND VD2
4G2 AC GND
5GND
6G1 AC GND
7GND
8RF IN
9GND
10
VD1
11
VG2
12
VG1
13
PACKAGE BASE
AND GND
Pin#
Function
Application hints
RMPA0913C-58
3.5V AMPS/CDMA Power Amplifier


Similar Part No. - RMPA0913C-58

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA0951AT FAIRCHILD-RMPA0951AT Datasheet
555Kb / 11P
   3V Cellular CDMA PowerEdge Power Amplifier Module
RMPA0959 FAIRCHILD-RMPA0959 Datasheet
519Kb / 13P
   CDMA and CDMA2000-1X PowerEdge Power Amplifier Module
RMPA0963 FAIRCHILD-RMPA0963 Datasheet
128Kb / 7P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
RMPA0965 FAIRCHILD-RMPA0965 Datasheet
522Kb / 8P
   CDMA and CDMA2000-1X PowerEdge Power Amplifier Module
RMPA0966 FAIRCHILD-RMPA0966 Datasheet
494Kb / 7P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
More results

Similar Description - RMPA0913C-58

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6130 ANADIGICS-AWT6130 Datasheet
195Kb / 8P
   Cellular Dual Mode AMPS/CDMA 3.5V 29dBm Power Amplifier Module
AWT6111 ANADIGICS-AWT6111 Datasheet
79Kb / 4P
   CDMA/AMPS Power Amplifier
AWT6131 ANADIGICS-AWT6131 Datasheet
206Kb / 12P
   PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
AWT6106 ANADIGICS-AWT6106 Datasheet
793Kb / 16P
   PCS/CDMA 3.5V/28.5dBm Linear Power Amplifier Module
AWT6133 ANADIGICS-AWT6133 Datasheet
269Kb / 8P
   PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
AWT6109 ANADIGICS-AWT6109 Datasheet
275Kb / 16P
   KPCS CDMA 3.5V/28.5dBm Linear Power Amplifier Module
logo
Agilent(Hewlett-Packard...
ACPM-7813 HP-ACPM-7813 Datasheet
183Kb / 21P
   CDMA/AMPS Power Amplifier Module
logo
Broadcom Corporation.
ACPM-7813 BOARDCOM-ACPM-7813 Datasheet
205Kb / 20P
   CDMA/AMPS Power Amplifier Module
logo
List of Unclassifed Man...
FC7113 ETC-FC7113 Datasheet
130Kb / 5P
   Power Amplifier Module for CDMA/AMPS
FC7103 ETC1-FC7103 Datasheet
193Kb / 6P
   Power Amplifier Module for CDMA/AMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com