Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS9313L Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. PS9313L
Description  1 Mbps, OPEN COLLECTOR OUTPUT TYPE HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9313L Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS9313L Datasheet HTML 1Page - Renesas Technology Corp PS9313L Datasheet HTML 2Page - Renesas Technology Corp PS9313L Datasheet HTML 3Page - Renesas Technology Corp PS9313L Datasheet HTML 4Page - Renesas Technology Corp PS9313L Datasheet HTML 5Page - Renesas Technology Corp PS9313L Datasheet HTML 6Page - Renesas Technology Corp PS9313L Datasheet HTML 7Page - Renesas Technology Corp PS9313L Datasheet HTML 8Page - Renesas Technology Corp PS9313L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PS9313L, PS9313L2
R08DS0125EJ0200 Rev.2.00
Page 3 of 14
Apr 13, 2015
MARKING EXAMPLE
Rank Code
Year Assembled
(Last 1 Digit)
Week Assembled
N 9 31
No. 1 pin Mark
Assembly Lot
Type Number
9313
N931
R
MARKING EXAMPLE
Parameter
PS9313L
PS9313L2
Air Distance (MIN.)
7 mm
8 mm
Outer Creepage Distance (MIN.)
7 mm
8 mm
Isolation Distance (MIN.)
0.4 mm
0.4 mm
ORDERING INFORMATION
Part Number
Order Number
Solder
Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part
Number*1
PS9313L
PS9313L-AX
Pb-Free
20 pcs (Tape 20 pcs cut)
Standard products PS9313L
PS9313L-E3
PS9313L-E3-AX
(Ni/Pd/Au)
Embossed Tape 2 000
pcs/reel
(UL, CSA
approved)
PS9313L2
PS9313L2-AX
20 pcs (Tape 20 pcs cut)
PS9313L2
PS9313L2-E3
PS9313L2-E3-AX
Embossed Tape 2 000
pcs/reel
PS9313L-V
PS9313L-V-AX
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-5
PS9313L
PS9313L-V-
E3
PS9313L-V-E3-AX
Embossed Tape 2 000
pcs/reel
(VDE0884-
5):2011-11
PS9313L2-V
PS9313L2-V-AX
20 pcs (Tape 20 pcs cut)
Approved (Option) PS9313L2
PS9313L2-V-
E3
PS9313L2-V-E3-
AX
Embossed Tape 2 000
pcs/reel
Notes*: 1. For the application of the Safety Standard, following part number should be used.


Similar Part No. - PS9313L

ManufacturerPart No.DatasheetDescription
California Eastern Labs
California Eastern Labs
PS9313L CEL-PS9313L Datasheet
228Kb / 17P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE, HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9313L-AX CEL-PS9313L-AX Datasheet
228Kb / 17P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE, HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9313L-E3 CEL-PS9313L-E3 Datasheet
228Kb / 17P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE, HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9313L-E3-AX CEL-PS9313L-E3-AX Datasheet
228Kb / 17P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE, HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9313L-V CEL-PS9313L-V Datasheet
228Kb / 17P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE, HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9313L

ManufacturerPart No.DatasheetDescription
California Eastern Labs
California Eastern Labs
PS9313L CEL-PS9313L Datasheet
228Kb / 17P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE, HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
Renesas Technology Corp
Renesas Technology Corp
PS9317L RENESAS-PS9317L_15 Datasheet
247Kb / 18P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
California Eastern Labs
California Eastern Labs
PS9317L CEL-PS9317L Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS8302L CEL-PS8302L Datasheet
223Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
Renesas Technology Corp
Renesas Technology Corp
PS8302L RENESAS-PS8302L Datasheet
234Kb / 18P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
California Eastern Labs
California Eastern Labs
PS8302 CEL-PS8302 Datasheet
614Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9324L CEL-PS9324L Datasheet
719Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
Renesas Technology Corp
Renesas Technology Corp
PS9324L RENESAS-PS9324L_15 Datasheet
338Kb / 19P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
NEC
NEC
PS9113 NEC-PS9113 Datasheet
240Kb / 14P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
California Eastern Labs
California Eastern Labs
PS9213_V1 CEL-PS9213_V1 Datasheet
256Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz