Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS9313L Datasheet(PDF) 8 Page - Renesas Technology Corp

Part No. PS9313L
Description  1 Mbps, OPEN COLLECTOR OUTPUT TYPE HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

PS9313L Datasheet(HTML) 8 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PS9313L, PS9313L2
R08DS0125EJ0200 Rev.2.00
Page 8 of 14
Apr 13, 2015
0
200
400
600
800
1000
1200
1400
1600
1800
0
100
200
300
400
500
700
600
-50
-25
0
25
50
75
100
125
010
20
30
40
IF = 10mA
CL = 100pF
RL = 20KΩ
TPLH
TPLH-TPHL
TPHL
IF = 10mA
Vcc = 15V
CL = 100pF
RL = 20KΩ
TPLH
TPHL
PWD
PROPAGATION DELAYTIME,
MAXIMUM PROPAGATION DELAYS
vs. SUPPLY VOLTAGE
PROPAGATION DELAYTIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
PROPAGATION DELAY TIME
vs. LOAD CAPACITANCE
PROPAGATION DELAY TIME,
MAXIMUM PROPAGATION DELAYS
vs. LOAD RESISTANCE
PROPAGATION DELAY TIME,
MAXIMUM PROPAGATION DELAYS
vs. LOAD RESISTANCE
Ambient Temperature Ta (°C)
Supply Voltage Vcc (V)
Load Capacitance CL (pF)
Load Resistance RL (KΩ)
Load Resistance RL (KΩ)
0
100
200
300
400
500
600
0
5
10
15
20
25
IF = 10mA
Vcc = 5V
CL = 15pF
TPLH
TPHL
TPLH-TPHL
0
200
400
600
800
1000
1200
0
1020
30
4050
IF = 10mA
Vcc = 15V
CL = 100pF
TPLH
TPLH-TPHL
TPHL
0
200
400
600
800
1000
1200
1400
1600
1800
0
100
200
300
400
500
TPLH-TPHL
IF = 10mA
Vcc = 15V
RL = 20KΩ
TPLH
TPHL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn