Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS9313L Datasheet(PDF) 7 Page - Renesas Technology Corp

Part No. PS9313L
Description  1 Mbps, OPEN COLLECTOR OUTPUT TYPE HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9313L Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PS9313L Datasheet HTML 3Page - Renesas Technology Corp PS9313L Datasheet HTML 4Page - Renesas Technology Corp PS9313L Datasheet HTML 5Page - Renesas Technology Corp PS9313L Datasheet HTML 6Page - Renesas Technology Corp PS9313L Datasheet HTML 7Page - Renesas Technology Corp PS9313L Datasheet HTML 8Page - Renesas Technology Corp PS9313L Datasheet HTML 9Page - Renesas Technology Corp PS9313L Datasheet HTML 10Page - Renesas Technology Corp PS9313L Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PS9313L, PS9313L2
R08DS0125EJ0200 Rev.2.00
Page 7 of 14
Apr 13, 2015
TYPICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
0
0.2
0.4
0.6
0.8
1.0
1.2
0
1
2
3
4
5
0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10
12
14
0.6
0.7
0.8
0.9
1.0
1.2
1.1
0
100
200
300
400
500
700
600
IF = 10mA
Vo = 0.6V
-50
-25
0
255075
100
125
0
5
10
15
20
-50
-25
0
25
50
75
100
125
-50
-25
0
255075
100
125
-50
-25
0
255075
100
125
0
5
10
15
20
Vo=0.6V
110°C
Ta = –40
°C
25°C
Vcc = 20V
Vo = Open
ICCH : VF = 0.8V
ICCL : IF = 10mA
Vcc = 15V
Vo = 0.8V
Io = 0.75mA
Vcc = 15V
IF = 10mA
Io = 2.4mA
Vcc = 15V
CL = 100pF
RL = 20KΩ
TPLH
TPLH-TPHL
TPHL
ICCL
ICCH
Ambient Temperature Ta (°C)
Ambient Temperature Ta (°C)
Ambient Temperature Ta (°C)
Forward Current IF (mA)
Forward Current IF (mA)
Ambient Temperature Ta (°C)
SUPPLY CURRENT vs. AMBIENT TEMPERATURE
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
OUTPUT CURRENT vs. FORWARD CURRENT
PROPAGATION DELAY TIME,
MAXIMUM PROPAGATION DELAYS
vs. FORWARD CURRENT
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn