Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS9313L Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. PS9313L
Description  1 Mbps, OPEN COLLECTOR OUTPUT TYPE HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

PS9313L Datasheet(HTML) 6 Page - Renesas Technology Corp

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
PS9313L, PS9313L2
R08DS0125EJ0200 Rev.2.00
Page 6 of 14
Apr 13, 2015
Notes*: 1. Typical values at TA = 25°C.
2. Test circuit for propagation delay time
VTHHL = 1.5 V
15 V
VOL
tPHL
tPLH
VTHLH = 2.0 V
IF (ON)
50% IF (ON)
51 Ω
Pulse input (IF = 10 mA)
RL = 20 kΩ
VO (monitor)
VCC = 15 V
0.1 µF
CL = 100 pF
6
5
4
SHIELD
1
2
3
Output
Input
Input
(monitor)
(PW = 10 µs,
Duty cycle = 1/10)
Remark
CL includes probe and stray wiring capacitance.
3. Test circuit for common mode transient immunity
90%
10%
0 V
VCC
3.0 V
1.0 V
VOL
VCM
VO
(Switch A: IF = 0 mA)
(Switch B: IF = 10 mA)
VO
tr
tf
VCM
SW IF
A
B
RL = 20 kΩ
VO (monitor)
VCC = 15 V
0.1 µF
CL = 100 pF
6
5
4
SHIELD
2
1
3
+–
VCM = 1.5 kV
Remark
CL includes probe and stray wiring capacitance.
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pass capacitor of more than 0.1 µF is used between VCC and GND near device. Also, ensure that the distance
between the leads of the photocoupler and capacitor is no more than 10 mm.
3. Pin 2 (which is an NC*1 pin) can either be connected directly to the GND pin on the LED side or left open.
Unconnected pins should not be used as a bypass for signals or for any other similar purpose because this may
degrade the internal noise environment of the device.
*1
NC: Not connected (No connection)
4. Avoid storage at a high temperature and high humidity.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn