Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS9313L Datasheet(PDF) 5 Page - Renesas Technology Corp

Part No. PS9313L
Description  1 Mbps, OPEN COLLECTOR OUTPUT TYPE HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9313L Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS9313L Datasheet HTML 1Page - Renesas Technology Corp PS9313L Datasheet HTML 2Page - Renesas Technology Corp PS9313L Datasheet HTML 3Page - Renesas Technology Corp PS9313L Datasheet HTML 4Page - Renesas Technology Corp PS9313L Datasheet HTML 5Page - Renesas Technology Corp PS9313L Datasheet HTML 6Page - Renesas Technology Corp PS9313L Datasheet HTML 7Page - Renesas Technology Corp PS9313L Datasheet HTML 8Page - Renesas Technology Corp PS9313L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PS9313L, PS9313L2
R08DS0125EJ0200 Rev.2.00
Page 5 of 14
Apr 13, 2015
ELECTRICAL CHARACTERISTICS (TA = –40 to +110°C, VCC = 15 V, unless otherwise
specified)
Parameter
Symbol
Conditions
MIN.
TYP.*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
C
1.2
1.56
1.9
V
Reverse Current
IR
VR = 3 V, TA = 25
C
10
A
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
30
pF
Detector Low Level Output Voltage
VOL
IF = 10 mA, IOL = 2.4 mA
0.13
0.6
V
High Level Output Current
IOH
VCC = 20 V, VF = 0.8 V
1.0
50
A
High Level Supply Current
ICCH
VCC = 20 V, VF = 0.8 V, VO = open
0.6
1.3
mA
Low Level Supply Current
ICCL
VCC = 20 V, IF = 10 mA, VO = open
0.7
1.3
mA
Coupled Threshold Input Current
(H
 L)
IFHL
VO = 0.8 V, IO = 0.75 mA
0.75
5.0
mA
Current Transfer Ratio
(IC/IF)
CTR
IF = 10 mA, VO = 0.6 V
44
110
%
Isolation Resistance
RI-O
VI-O = 1 kVDC
1011

Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.7
pF
Propagation Delay Time
(H
 L) *2
tPHL
IF = 10 mA, RL = 20 k
, CL = 100
pF, VTHHL = 1.5 V, VTHLH = 2.0 V
240
500
ns
Propagation Delay Time
(L
 H) *2
tPLH
460
750
Maximum Propagation
Delays
tPLH
tPHL
200
220
650
Pulse Width Distortion
(PWD)
tPHLtPLH
220
650
Common Mode
Transient Immunity at
High Level Output*3
CMH
TA = 25
C, IF = 0 mA, VO > 3.0 V,
VCM = 1.5 kV, RL = 20 k
,
CL = 100 pF
15
kV/
s
Common Mode
Transient Immunity at
Low Level Output*3
CML
TA = 25
C, IF = 10 mA, VO < 1.0 V,
VCM = 1.5 kV, RL = 20 k
,
CL = 100 pF
15
kV/
s


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn