Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS9313L Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. PS9313L
Description  1 Mbps, OPEN COLLECTOR OUTPUT TYPE HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

PS9313L Datasheet(HTML) 4 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PS9313L, PS9313L2
R08DS0125EJ0200 Rev.2.00
Page 4 of 14
Apr 13, 2015
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current*1
IF
25
mA
Reverse Voltage
VR
5
V
Detector
Supply Voltage
VCC
0.5 to +25
V
Output Voltage
VO
0.5 to +25
V
Output Current
IO
15
mA
Power Dissipation*2
PC
100
mW
Isolation Voltage*3
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
40 to +110
C
Storage Temperature
Tstg
55 to +125
C
Notes*: 1. Reduced to 0.3 mA/°C at TA = 70°C or more.
2. Reduced to 2.0 mW/°C at TA = 70°C or more.
3. AC voltage for 1 minute at TA = 25°C, RH = 60% between input and output.
Pins 1-3 shorted together, 4-6 shorted together.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
VCC
4.5
15
20
V
Output Voltage
VO
0
20
V
Forward Current (ON)
IF (ON)
8
12
mA
Forward Voltage (OFF)
VF (OFF)
0
0.8
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn