Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLQP0040JB-C Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PLQP0040JB-C
Description  Continuous Conduction Mode Interleaving PFC Control IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0040JB-C Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PLQP0040JB-C Datasheet HTML 4Page - Renesas Technology Corp PLQP0040JB-C Datasheet HTML 5Page - Renesas Technology Corp PLQP0040JB-C Datasheet HTML 6Page - Renesas Technology Corp PLQP0040JB-C Datasheet HTML 7Page - Renesas Technology Corp PLQP0040JB-C Datasheet HTML 8Page - Renesas Technology Corp PLQP0040JB-C Datasheet HTML 9Page - Renesas Technology Corp PLQP0040JB-C Datasheet HTML 10Page - Renesas Technology Corp PLQP0040JB-C Datasheet HTML 11Page - Renesas Technology Corp PLQP0040JB-C Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
R2A20104/114 Series
R03DS0008EJ0301 Rev.3.01
Page 11 of 11
Jan 08, 2016
Package Dimensions
• R2A20104FP and R2A20114FP
NOTE)
1. DIMENSIONS"
*1"AND"*2"
DO NOT INCLUDE MOLD FLASH
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
0.60
0.40
0.575
0.575
0.22
0.08
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
7.0
0.13
0.10
0.13
8.8
9.0
9.2
0.50
7.0
9.2
9.0
8.8
0.27
0.22
0.17
0.20
0.15
0.10
0.65
1.0
1.70
1.40
Previous Code
JEITA Package Code
RENESAS Code
PLQP0040JB-C
FP-40EV
MASS[Typ.]
0.2g
P-LQFP40-7x7-0.65
e
HE
L
A1
D
E
A2
HD
A
bp
b1
c
x
y
ZD
ZE
L1
c1
θ
Detail F
L
Terminal cross section
(Ni/Pd/Au plating)
40
1
F
M
x
11
10
31
30
21
20
*3
*1
Index mark
S
y S
D
e
HD
ZD
bp
bp
L1
• R2A20104SP and R2A20114SP
NOTE)
1. DIMENSIONS"
*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
12.60
1.15
0.12
7.80
0.15
0.20
0.25
0.46
0.00
0.10
0.20
5.50
0.50
0.70
0.90
2.20
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
13.0
e
HE
L
A
D
E
A2
A1
bp
b1
c
x
y
Z
L1
c1
θ
0.34
0.40
8.00
7.50
1.27
0.15
0.80
Previous Code
JEITA Package Code
RENESAS Code
PRSP0020DD-B
FP-20DAV
MASS[Typ.]
0.31g
P-SOP20-5.5x12.6-1.27
Terminal cross section
(Ni/Pd/Au plating)
Detail F
L
y
S
S
Index mark
1
xM
*3
*1
F
10
11
20
Z
e
D
L1
bp
bp


Similar Part No. - PLQP0040JB-C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PLQP0048KB-A RENESAS-PLQP0048KB-A Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PLQP0048KB-A RENESAS-PLQP0048KB-A Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
PLQP0048KB-A RENESAS-PLQP0048KB-A Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
PLQP0048KB-A RENESAS-PLQP0048KB-A Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PLQP0048KB-B RENESAS-PLQP0048KB-B Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
More results

Similar Description - PLQP0040JB-C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com