Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20104-114 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R2A20104-114
Description  Continuous Conduction Mode Interleaving PFC Control IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20104-114 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R2A20104-114 Datasheet HTML 4Page - Renesas Technology Corp R2A20104-114 Datasheet HTML 5Page - Renesas Technology Corp R2A20104-114 Datasheet HTML 6Page - Renesas Technology Corp R2A20104-114 Datasheet HTML 7Page - Renesas Technology Corp R2A20104-114 Datasheet HTML 8Page - Renesas Technology Corp R2A20104-114 Datasheet HTML 9Page - Renesas Technology Corp R2A20104-114 Datasheet HTML 10Page - Renesas Technology Corp R2A20104-114 Datasheet HTML 11Page - Renesas Technology Corp R2A20104-114 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
R2A20104/114 Series
R03DS0008EJ0301 Rev.3.01
Page 10 of 11
Jan 08, 2016
Electrical Characteristics
(cont.)
(Ta = 25°C, VCC = 12 V, CT = 1000 pF, RT = 27 k
Ω, CS1, CS2 = GND, IRAMP = 10 kΩ, BO = 1 V, VAC = 0 V,
RS = 220 k
Ω, FMC = GND (*1), FM = GND (*2), FB = COMP)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Error signal
ERROR shunt current (*1)
Ierror-s
5.0
mA
ERROR leakage current (*1)
Ierror-l
1.0
μA
Phase error detect point
Perror
1.1
1.35
1.6
Vcso1 or 2 = 2.5 V,
Vcso2 or 1: sweep (*7)
OFF threshold voltage (*1)
Voff
3.3
4.0
4.7
V
E-DELAY charge current (*1)
Ied-c
–55
–36
–20
μA
E-DELAY discharge current
(*1)
Ied-d
20
36
55
μA
E-DELAY threshold voltage
(*1)
Vdelay
2.35
2.45
2.55
V
Notes: *1 Applied to R2A20104FP, R2A20114FP
*2 Applied to R2A20104SP, R2A20114SP
*7 Refer to the figure shown below:
Perror =
V'cso1(or 2)[V] – 0.55[V]
Vcso2(or 1)[V] – 0.55[V]
ERROR
CSO1(or 2)
CSO2(or 1)
V'cso1(or 2)
Vcso2(or 1)


Similar Part No. - R2A20104-114

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
R2A20104114 RENESAS-R2A20104114_15 Datasheet
240Kb / 12P
   Continuous Conduction Mode Interleaving
R2A20104FPW0 RENESAS-R2A20104FPW0 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104FPW0 RENESAS-R2A20104FPW0 Datasheet
240Kb / 12P
   Continuous Conduction Mode Interleaving
R2A20104FPW5 RENESAS-R2A20104FPW5 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
More results

Similar Description - R2A20104-114

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com