Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFS60-HMAT2K02 Datasheet(PDF) 6 Page - SICK AG

Part # SFS60-HMAT2K02
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

SFS60-HMAT2K02 Datasheet(HTML) 6 Page - SICK AG

  SFS60-HMAT2K02 Datasheet HTML 1Page - SICK AG SFS60-HMAT2K02 Datasheet HTML 2Page - SICK AG SFS60-HMAT2K02 Datasheet HTML 3Page - SICK AG SFS60-HMAT2K02 Datasheet HTML 4Page - SICK AG SFS60-HMAT2K02 Datasheet HTML 5Page - SICK AG SFS60-HMAT2K02 Datasheet HTML 6Page - SICK AG SFS60-HMAT2K02 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
SFS60-HMAT2K02 | SFS/SFM60
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE®
Brief description
Type
Part no.
Plug connectors and cables
Head A: female connector, M23, 12-pin, straight
Head B: cable
Cable: HIPERFACE®, HIPERFACE®, drag chain use, PUR, shielded, 3 m
DOL-2308-G03MJB2
2031070
Head A: female connector, M23, 12-pin, straight
Head B: cable
Cable: HIPERFACE®, HIPERFACE®, drag chain use, PUR, shielded, 5 m
DOL-2308-G05MJB2
2031071
Head A: female connector, M23, 12-pin, straight
Head B: cable
Cable: HIPERFACE®, HIPERFACE®, drag chain use, PUR, shielded, 10 m
DOL-2308-G10MJB2
2031072
Head A: female connector, M23, 12-pin, straight
Head B: cable
Cable: HIPERFACE®, HIPERFACE®, drag chain use, PUR, shielded, 15 m
DOL-2308-G15MJB2
2031073
Head A: female connector, M23, 12-pin, straight
Head B: cable
Cable: HIPERFACE®, HIPERFACE®, drag chain use, PUR, shielded, 1.5 m
DOL-2308-G1M5JB2
2031069
Head A: female connector, M23, 12-pin, straight
Head B: -
Cable: HIPERFACE®, SSI, Incremental, shielded
DOS-2312-G
6027538
Head A: female connector, M23, 12-pin, angled
Head B: -
Cable: HIPERFACE®, SSI, Incremental, shielded
DOS-2312-W01
2072580
Head A: male connector, M23, 12-pin, straight
Head B: -
Cable: HIPERFACE®, SSI, Incremental, RS-422, shielded
STE-2312-G
6027537
Programming and configuration tools
SVip® LAN programming tool for all motor feedback systems
PGT-11-S LAN
1057324
SVip® WLAN programming tool for all motor feedback systems
PGT-11-S WLAN
1067474
6
MOTOR FEEDBACK SYSTEMS | SICK
Online data sheet | 2017-06-28 22:15:12
Subject to change without notice


Similar Part No. - SFS60-HMAT2K02

ManufacturerPart #DatasheetDescription
logo
SICK AG
SFS60-HMAT0K02 SICK-SFS60-HMAT0K02 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SFS60-HMAT1K02 SICK-SFS60-HMAT1K02 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SFS60-HMAT3K02 SICK-SFS60-HMAT3K02 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SFS60-HMAT4K02 SICK-SFS60-HMAT4K02 Datasheet
2Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
More results

Similar Description - SFS60-HMAT2K02

ManufacturerPart #DatasheetDescription
logo
SICK AG
SRM50-HWA0-K22 SICK-SRM50-HWA0-K22 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRM50-HUA0-K21 SICK-SRM50-HUA0-K21 Datasheet
882Kb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKS36S-HFA0-K02 SICK-SKS36S-HFA0-K02 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKM36S-HFA0-K02 SICK-SKM36S-HFA0-K02 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKM36-HVA0-K02 SICK-SKM36-HVA0-K02 Datasheet
2Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SEK52-HNA0-K02 SICK-SEK52-HNA0-K02 Datasheet
1,010Kb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRS50-HAA0-K22 SICK-SRS50-HAA0-K22 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRM50S-HFA0-K21 SICK-SRM50S-HFA0-K21 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRM50-HXA0-K22 SICK-SRM50-HXA0-K22 Datasheet
998Kb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SFM60-HPKT0K02 SICK-SFM60-HPKT0K02 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SFM60-HNKT0K02 SICK-SFM60-HNKT0K02 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com