Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFS60-HLAT1K02 Datasheet(PDF) 5 Page - SICK AG

Part No. SFS60-HLAT1K02
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SICK [SICK AG]
Homepage  http://www.sick.com/
Logo 

SFS60-HLAT1K02 Datasheet(HTML) 5 Page - SICK AG

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SFS60-HLAT1K02 | SFS/SFM60
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE®
PIN
Signal
Explanation
1
REFCOS
Process data channel
2
Data +
Parameter channel RS 485
3
N. C.
Not assigned
4
N. C.
Not assigned
5
+ SIN
Process data channel
6
REFSIN
Process data channel
7
Data -
Parameter channel RS 485
8
+ COS
Process data channel
9
N. C.
Not assigned
10
GND
Ground connection
11
N. C.
Not assigned
12
US
Supply voltage
Housing
Screen
Screen connected with encoder housing
Diagram
Signal diagram for clockwise rotation of the shaft looking in direction "A" (see dimensional drawing)1 period = 360 ° : 1024
Recommended accessories
Other models and accessories
www.sick.com/SFS_SFM60
Brief description
Type
Part no.
Flanges
Stator coupling, 16.5 mm high
BEF-DS05XFX
2057423
Stator coupling with hole circle diameter 63 mm
BEF-DS07XFX
2059368
2017-06-28 22:15:12 | Online data sheet
Subject to change without notice
MOTOR FEEDBACK SYSTEMS | SICK
5


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn