Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFS60-HLAT1K02 Datasheet(PDF) 3 Page - SICK AG

Part No. SFS60-HLAT1K02
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SICK [SICK AG]
Homepage  http://www.sick.com/
Logo 

SFS60-HLAT1K02 Datasheet(HTML) 3 Page - SICK AG

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFS60-HLAT1K02 | SFS/SFM60
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE®
Dimensions
See dimensional drawing
Weight
≤ 0.25 kg
Moment of inertia of the rotor
40 gcm²
Operating speed
≤ 9,000 
min⁻¹ 1)
Angular acceleration
≤ 500,000 rad/s²
Operating torque
0.6 Ncm (+20 °C)
Start up torque
0.8 Ncm (+20 °C)
Permissible shaft movement, radial stat-
ic/dynamic
± 0.3 mm / ± 0.1 mm
Permissible shaft movement, axial stat-
ic/dynamic
± 0.5 mm / ± 0.2 mm
Life of ball bearings
3.6 x 10^9 revolutions
Connection type
Male connector M23, 12-pin, radial
1) Take into account self-heating of 3.3 K per 1,000 rpm when designing the operating temperature range.
Ambient data
Operating temperature range
–40 °C ... +115 °C
Storage temperature range
–40 °C ... +115 °C, without package
Relative humidity/condensation
90 %, Condensation not permitted
Resistance to shocks
100 g, 6 ms (according to EN 60068-2-27)
Frequency range of resistance to vibrations 20 g, 10 Hz ... 2,000 Hz (according to EN 60068-2-6)
EMC
According to EN 61000-6-2 and EN 61000-6-3 1)
Enclosure rating
IP65, with mating connector inserted (according to IEC 60529)
1) The EMC according to the standards quoted is achieved when the motor feedback system is mounted in an electrically conductive housing, which is connected to
the central earthing point of the motor controller via a cable screen. The GND (0V) connection of the supply voltage is also grounded here. If other screening concepts
are used, users must perform their own tests.
Classifications
ECl@ss 5.0
27270590
ECl@ss 5.1.4
27270590
ECl@ss 6.0
27270590
ECl@ss 6.2
27270590
ECl@ss 7.0
27270590
ECl@ss 8.0
27270590
ECl@ss 8.1
27270590
ECl@ss 9.0
27270590
ETIM 5.0
EC001486
ETIM 6.0
EC001486
UNSPSC 16.0901
41112113
2017-06-28 22:15:12 | Online data sheet
Subject to change without notice
MOTOR FEEDBACK SYSTEMS | SICK
3


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn