Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFS60-HLAT0K02 Datasheet(PDF) 3 Page - SICK AG

Part # SFS60-HLAT0K02
Description  MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

SFS60-HLAT0K02 Datasheet(HTML) 3 Page - SICK AG

  SFS60-HLAT0K02 Datasheet HTML 1Page - SICK AG SFS60-HLAT0K02 Datasheet HTML 2Page - SICK AG SFS60-HLAT0K02 Datasheet HTML 3Page - SICK AG SFS60-HLAT0K02 Datasheet HTML 4Page - SICK AG SFS60-HLAT0K02 Datasheet HTML 5Page - SICK AG SFS60-HLAT0K02 Datasheet HTML 6Page - SICK AG SFS60-HLAT0K02 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SFS60-HLAT0K02 | SFS/SFM60
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE®
Dimensions
See dimensional drawing
Weight
≤ 0.25 kg
Moment of inertia of the rotor
40 gcm²
Operating speed
≤ 9,000 
min⁻¹ 1)
Angular acceleration
≤ 500,000 rad/s²
Operating torque
0.6 Ncm (+20 °C)
Start up torque
0.8 Ncm (+20 °C)
Permissible shaft movement, radial stat-
ic/dynamic
± 0.3 mm / ± 0.1 mm
Permissible shaft movement, axial stat-
ic/dynamic
± 0.5 mm / ± 0.2 mm
Life of ball bearings
3.6 x 10^9 revolutions
Connection type
Male connector M23, 12-pin, radial
1) Take into account self-heating of 3.3 K per 1,000 rpm when designing the operating temperature range.
Ambient data
Operating temperature range
–40 °C ... +115 °C
Storage temperature range
–40 °C ... +115 °C, without package
Relative humidity/condensation
90 %, Condensation not permitted
Resistance to shocks
100 g, 6 ms (according to EN 60068-2-27)
Frequency range of resistance to vibrations 20 g, 10 Hz ... 2,000 Hz (according to EN 60068-2-6)
EMC
According to EN 61000-6-2 and EN 61000-6-3 1)
Enclosure rating
IP65, with mating connector inserted (according to IEC 60529)
1) The EMC according to the standards quoted is achieved when the motor feedback system is mounted in an electrically conductive housing, which is connected to
the central earthing point of the motor controller via a cable screen. The GND (0V) connection of the supply voltage is also grounded here. If other screening concepts
are used, users must perform their own tests.
Classifications
ECl@ss 5.0
27270590
ECl@ss 5.1.4
27270590
ECl@ss 6.0
27270590
ECl@ss 6.2
27270590
ECl@ss 7.0
27270590
ECl@ss 8.0
27270590
ECl@ss 8.1
27270590
ECl@ss 9.0
27270590
ETIM 5.0
EC001486
ETIM 6.0
EC001486
UNSPSC 16.0901
41112113
2017-06-28 22:15:12 | Online data sheet
Subject to change without notice
MOTOR FEEDBACK SYSTEMS | SICK
3


Similar Part No. - SFS60-HLAT0K02

ManufacturerPart #DatasheetDescription
logo
SICK AG
SFS60-HLAT1K02 SICK-SFS60-HLAT1K02 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SFS60-HLAT2K02 SICK-SFS60-HLAT2K02 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SFS60-HLAT3K02 SICK-SFS60-HLAT3K02 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SFS60-HLAT4K02 SICK-SFS60-HLAT4K02 Datasheet
2Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
More results

Similar Description - SFS60-HLAT0K02

ManufacturerPart #DatasheetDescription
logo
SICK AG
SRM50-HWA0-K22 SICK-SRM50-HWA0-K22 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRM50-HUA0-K21 SICK-SRM50-HUA0-K21 Datasheet
882Kb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKS36S-HFA0-K02 SICK-SKS36S-HFA0-K02 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKM36S-HFA0-K02 SICK-SKM36S-HFA0-K02 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKM36-HVA0-K02 SICK-SKM36-HVA0-K02 Datasheet
2Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SEK52-HNA0-K02 SICK-SEK52-HNA0-K02 Datasheet
1,010Kb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRS50-HAA0-K22 SICK-SRS50-HAA0-K22 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRM50S-HFA0-K21 SICK-SRM50S-HFA0-K21 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRM50-HXA0-K22 SICK-SRM50-HXA0-K22 Datasheet
998Kb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SFM60-HPKT0K02 SICK-SFM60-HPKT0K02 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SFM60-HNKT0K02 SICK-SFM60-HNKT0K02 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com