Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZB5CS-920-10W Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZB5CS-920-10W
Description  Power wer Splitter/Combiner 5 Way-0째 450 to 920 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZB5CS-920-10W Datasheet(HTML) 1 Page - Mini-Circuits

  ZB5CS-920-10W Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
®
ISO 9001 CERTIFIED
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
ZB5CS-920-10W
Typical Performance Data
Typical Performance Data
Typical Performance Data
Typical Performance Data
Typical Performance Data
REV. A
M75220
ED-7628/1
ZB5CS-920-10W
HY/TD/CP
010122
Features
Features
Features
Features
Features
l very low insertion loss, 0.4 dB typ.
l high isolation, 26 dB typ.
l excellent amplitude unbalance, 0.10 dB typ.
l 10 watts total as a combiner
P
P
P
P
Po
o
o
o
ower Splitter/Combiner
wer Splitter/Combiner
wer Splitter/Combiner
wer Splitter/Combiner
wer Splitter/Combiner
5 Way-0°
450 to 920 MHz
High Power
Maximum Ratings
Maximum Ratings
Maximum Ratings
Maximum Ratings
Maximum Ratings
Operating Temperature
-55°C to 90°C
Storage Temperature
-55°C to 100°C
Power Input (as a combiner)
10W max.
Internal Dissipation
8W max.
Applications
Applications
Applications
Applications
Applications
l UHF transmitters
CASE STYLE: Z668
PRICE: $144.95 ea.
QTY.: (1-9)
Electrical Specifications
Electrical Specifications
Electrical Specifications
Electrical Specifications
Electrical Specifications
450-920
26
18
0.4
1.0
2
7
0.10
0.6
10
20
Outline Dimensions (
)
inch
inch
inch
inch
inch
mm
mm
mm
mm
mm
Outline Drawing
fl - fu
FREQ.
FREQ.
FREQ.
FREQ.
FREQ.
(MHz)
(MHz)
(MHz)
(MHz)
(MHz)
INSERTION LOSS (dB)
INSERTION LOSS (dB)
INSERTION LOSS (dB)
INSERTION LOSS (dB)
INSERTION LOSS (dB)
ABOVE 7 dB
ABOVE 7 dB
ABOVE 7 dB
ABOVE 7 dB
ABOVE 7 dB
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
(dB)
(dB)
(dB)
(dB)
(dB)
PHASE
PHASE
PHASE
PHASE
PHASE
UNBALANCE
UNBALANCE
UNBALANCE
UNBALANCE
UNBALANCE
(Deg.)
(Deg.)
(Deg.)
(Deg.)
(Deg.)
Typ. Min.
AMPLITUDE
AMPLITUDE
AMPLITUDE
AMPLITUDE
AMPLITUDE
UNBALANCE
UNBALANCE
UNBALANCE
UNBALANCE
UNBALANCE
(dB)
(dB)
(dB)
(dB)
(dB)
Max.
POWER
POWER
POWER
POWER
POWER
INPUT, W
INPUT, W
INPUT, W
INPUT, W
INPUT, W11111
as splitter
Max.
Typ.
Max.
as combiner
Max.
Typ.
Max.
Typ.
1. Over -55°C to +55°C. Derate linearly to 20% of rating at 90°C.
A
B
CDE
F
G
H
7.06
3.13
1.00
.250
1.430
5.630
6.810
.250
179.32
79.50
25.40
6.35
36.32 143.00 172.97
6.35
J
K
L
M
N
P
wt.
2.875
.156
3.53
.44
.73
1.40
grams
73.03
3.96
89.66
11.18
18.54
35.56
810
FREQ.
FREQ.
FREQ.
FREQ.
FREQ.
(MHz)
(MHz)
(MHz)
(MHz)
(MHz)
INSERTION LOSS
INSERTION LOSS
INSERTION LOSS
INSERTION LOSS
INSERTION LOSS
(dB)
(dB)
(dB)
(dB)
(dB)
AMP.
AMP.
AMP.
AMP.
AMP.
UNBAL.
UNBAL.
UNBAL.
UNBAL.
UNBAL.
(dB)
(dB)
(dB)
(dB)
(dB)
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
(dB)
(dB)
(dB)
(dB)
(dB)
S-1
S-1
S-1
S-1
S-1
S-2
S-2
S-2
S-2
S-2
S-3
S-3
S-3
S-3
S-3
S-4
S-4
S-4
S-4
S-4
S-5
S-5
S-5
S-5
S-5
1-2
1-2
1-2
1-2
1-2
2-3
2-3
2-3
2-3
2-3
2-5
2-5
2-5
2-5
2-5
4-5
4-5
4-5
4-5
4-5
VSWR
VSWR
VSWR
VSWR
VSWR
S
S
S
S
S
PHASE
PHASE
PHASE
PHASE
PHASE
UNBAL.
UNBAL.
UNBAL.
UNBAL.
UNBAL.
(Deg.)
(Deg.)
(Deg.)
(Deg.)
(Deg.)
VSWR
VSWR
VSWR
VSWR
VSWR
1
1
1
1
1
VSWR
VSWR
VSWR
VSWR
VSWR
5
5
5
5
5
439.33
7.45
7.61
7.23
7.33
7.36
0.38
29.85
32.97
34.05
23.36
5.06
1.32
1.20
1.16
459.00
7.37
7.53
7.16
7.32
7.34
0.37
31.52
34.93
36.31
23.92
4.66
1.28
1.20
1.18
498.33
7.37
7.50
7.19
7.35
7.37
0.30
29.76
29.48
44.62
25.53
4.19
1.15
1.18
1.22
518.00
7.34
7.46
7.19
7.37
7.38
0.27
27.66
26.83
55.67
26.74
3.84
1.09
1.16
1.22
557.33
7.32
7.45
7.21
7.34
7.34
0.24
24.77
23.59
43.79
30.54
3.18
1.05
1.12
1.22
616.33
7.38
7.49
7.31
7.39
7.38
0.18
23.71
22.17
37.80
41.07
2.57
1.18
1.07
1.19
652.00
7.42
7.53
7.39
7.40
7.39
0.14
24.41
22.54
37.11
33.51
2.46
1.21
1.07
1.16
700.00
7.39
7.48
7.41
7.38
7.36
0.12
26.49
24.03
37.97
27.88
2.21
1.17
1.07
1.11
748.00
7.38
7.45
7.44
7.42
7.38
0.07
28.55
26.09
41.36
25.95
1.98
1.08
1.07
1.07
780.00
7.39
7.42
7.48
7.43
7.39
0.10
28.16
26.88
44.71
26.07
1.42
1.03
1.05
1.08
812.00
7.33
7.36
7.47
7.41
7.37
0.14
26.76
26.96
42.35
27.75
1.23
1.04
1.03
1.09
844.00
7.45
7.44
7.62
7.55
7.50
0.18
25.33
26.69
37.12
32.70
1.76
1.05
1.02
1.11
860.00
7.43
7.40
7.63
7.51
7.45
0.23
24.48
26.32
34.76
38.68
2.16
1.05
1.02
1.12
916.67
7.48
7.41
7.77
7.51
7.43
0.36
21.01
23.61
28.84
26.36
3.08
1.19
1.02
1.11
945.00
7.63
7.50
7.98
7.59
7.52
0.48
18.59
20.84
27.05
21.17
3.45
1.40
1.02
1.09


Similar Part No. - ZB5CS-920-10W

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB5CA1 SCHNEIDER-ZB5CA1 Datasheet
409Kb / 12P
   Head for non illuminated push button, Harmony XB5, white square flush pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
ZB5CA2 SCHNEIDER-ZB5CA2 Datasheet
416Kb / 12P
   Head for non illuminated push button, Harmony XB5, black square flush pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
ZB5CA3 SCHNEIDER-ZB5CA3 Datasheet
404Kb / 12P
   Head for non illuminated push button, Harmony XB5, green square flush pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
ZB5CA4 SCHNEIDER-ZB5CA4 Datasheet
381Kb / 12P
   Head for non illuminated push button, Harmony XB5, red square flush pushbutton 횠22 mm spring return unmarked
Mar 7, 2022
ZB5CH313 SCHNEIDER-ZB5CH313 Datasheet
400Kb / 10P
   Head for illuminated push button, Harmony XB5, white square flush pushbutton 횠22 mm push integral LED
Mar 7, 2022
More results

Similar Description - ZB5CS-920-10W

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZB4CS-700-10W MINI-ZB4CS-700-10W Datasheet
68Kb / 1P
   Power wer Splitter/Combiner 4 Way-0째 400 to 700 MHz
SCA-4-10 MINI-SCA-4-10 Datasheet
135Kb / 1P
   Power Splitter/Combiner 4 Way-0째 50??5 to 1000 MHz
SCA-4-10-75 MINI-SCA-4-10-75 Datasheet
131Kb / 1P
   Power Splitter/Combiner 4 Way-0째 75??10 to 1000 MHz
SCA-4-20 MINI-SCA-4-20 Datasheet
124Kb / 1P
   Power Splitter/Combiner 4 Way-0째 50??1000 to 2000 MHz
SCA-3-11 MINI-SCA-3-11 Datasheet
126Kb / 1P
   Power Splitter/Combiner 3 Way-0째 50??100 to 940 MHz
SCA-4-15-75 MINI-SCA-4-15-75 Datasheet
132Kb / 1P
   Power Splitter/Combiner 4 Way-0째 75??10 to 1500 MHz
ZFSC-2-10G MINI-ZFSC-2-10G_1 Datasheet
178Kb / 1P
   Power Splitter/Combiner 2 Way-0째 50廓 2000 to 10000 MHz
logo
List of Unclassifed Man...
ZA4PD-2 ETC2-ZA4PD-2 Datasheet
169Kb / 1P
   Power Splitter/Combiner 4 Way-0째 50廓 1000 to 2000 MHz
logo
Mini-Circuits
ZN2PD-920 MINI-ZN2PD-920 Datasheet
90Kb / 1P
   Power Splitter/Combiner 2 Way-0 50廓 800 to 920 MHz
SBTC-2-10_10L MINI-SBTC-2-10_10L Datasheet
97Kb / 1P
   Power Splitter/Combiners 2 Way-0째 50??5 to 1000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com