Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2191IDGKR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2191IDGKR
Description  36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2191IDGKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2191IDGKR Datasheet HTML 5Page - Texas Instruments OPA2191IDGKR Datasheet HTML 6Page - Texas Instruments OPA2191IDGKR Datasheet HTML 7Page - Texas Instruments OPA2191IDGKR Datasheet HTML 8Page - Texas Instruments OPA2191IDGKR Datasheet HTML 9Page - Texas Instruments OPA2191IDGKR Datasheet HTML 10Page - Texas Instruments OPA2191IDGKR Datasheet HTML 11Page - Texas Instruments OPA2191IDGKR Datasheet HTML 12Page - Texas Instruments OPA2191IDGKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
9
OPA191, OPA2191, OPA4191
www.ti.com
SBOS701A – DECEMEBER 2015 – REVISED APRIL 2016
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
6.8 Electrical Characteristics: VS = ±2.25 V to ±4 V (VS = 4.5 V to 8 V)
at TA = 25°C, VCM = VOUT = VS / 2, and RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = ±2.25 V,
VCM = (V+) – 3 V
±5
±25
µV
TA = 0°C to 85°C
±8
±75
TA = –40°C to +125°C
±10
±125
(V+) – 3.0 V < VCM < (V+) – 1.5 V
See
Common-Mode Voltage Range
section
VS = ±3 V,
VCM = (V+) – 1.5 V
±10
±50
TA = 0°C to 85°C
±25
±150
TA = –40°C to +125°C
±50
±250
dVOS/dT
Input offset voltage drift
VS = ±2.25 V,
VCM = (V+) – 3 V,
D package only
TA = 0°C to 85°C
±0.1
±0.8
µV/°C
TA = –40°C to +125°C
±0.15
±1.2
VS = ±2.25 V,
VCM = (V+) – 3 V,
DGK and DBV packages only
TA = 0°C to 85°C
±0.1
±0.9
TA = –40°C to +125°C
±0.15
±1.3
VS = ±2.25 V,
VCM = (V+) – 1.5 V
TA = –40°C to +125°C
±0.5
PSRR
Power-supply rejection
ratio
TA = –40°C to +125°C, VCM = VS / 2 – 0.75 V
±1
µV/V
INPUT BIAS CURRENT
IB
Input bias current
±5
±20
pA
TA = –40°C to +125°C
±9
nA
IOS
Input offset current
±2
±20
pA
TA = –40°C to +125°C
±2
nA
NOISE
En
Input voltage noise
(V–) – 0.1 V < VCM < (V+) – 3 V
f = 0.1 Hz to 10 Hz
1.4
µVPP
(V+) – 1.5 V < VCM < (V+) + 0.1 V
f = 0.1 Hz to 10 Hz
7
en
Input voltage noise
density
(V–) – 0.1 V < VCM < (V+) – 3 V
f = 100 Hz
18
nV/
√Hz
f = 1 kHz
15
(V+) – 1.5 V < VCM < (V+) + 0.1 V
f = 100 Hz
53
f = 1 kHz
24
in
Input current noise
density
f = 1 kHz
1.5
fA/
√Hz
INPUT VOLTAGE
VCM
Common-mode voltage
range
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode
rejection ratio
VS = ±2.25 V,
(V–) – 0.1 V < VCM < (V+) – 3 V
96
110
dB
VS = ±2.25 V,
(V–) < VCM < (V+) – 3 V
TA = –40°C to +125°C
90
104
VS = ±2.25 V,
(V+) – 1.5 V < VCM < (V+)
96
120
TA = –40°C to +125°C
84
100
(V+) – 3 V < VCM < (V+) – 1.5 V
See
Typical Characteristics
INPUT IMPEDANCE
ZID
Differential
100 || 1.6
M
Ω || pF
ZIC
Common-mode
1 || 6.4
1013
Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = ±2.25 V,
(V–) + 0.6 V < VO < (V+) – 0.6 V,
RL = 2 kΩ
110
120
dB
TA = –40°C to +125°C
100
114
VS = ±2.25 V,
(V–) + 0.3 V < VO < (V+) – 0.3 V,
RL = 10 kΩ
110
126
TA = –40°C to +125°C
106
120


Similar Part No. - OPA2191IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2191IDGKR TI1-OPA2191IDGKR Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA2191IDGKR TI1-OPA2191IDGKR Datasheet
3Mb / 53P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA2191IDGKR TI1-OPA2191IDGKR Datasheet
3Mb / 56P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA2191IDGKR TI-OPA2191IDGKR Datasheet
3Mb / 57P
[Old version datasheet]   OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA2191IDGKR TI-OPA2191IDGKR Datasheet
4Mb / 59P
[Old version datasheet]   OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
REVISED AUGUST 2021
More results

Similar Description - OPA2191IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA191_0017 TI1-OPA191_0017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191_017 TI1-OPA191_017 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191_V01 Datasheet
3Mb / 53P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI1-OPA191_V02 Datasheet
3Mb / 56P
[Old version datasheet]   OPAx191 36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI-OPA191_V03 Datasheet
3Mb / 57P
[Old version datasheet]   OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA191 TI-OPA191_V04 Datasheet
4Mb / 59P
[Old version datasheet]   OPAx191 36-V, Low-Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
REVISED AUGUST 2021
OPA191 TI1-OPA191_17 Datasheet
3Mb / 49P
[Old version datasheet]   Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA192-Q1 TI1-OPA192-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current Op Amp With e-trim
OPA192 TI-OPA192_15 Datasheet
2Mb / 52P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim?
OPA2192 TI-OPA2192 Datasheet
3Mb / 51P
[Old version datasheet]   OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com