Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1642 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1642
Description  SoundPlus JFET-Input, Automotive-Grade, Audio Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1642 Datasheet(HTML) 4 Page - Texas Instruments

  OPA1642 Datasheet HTML 1Page - Texas Instruments OPA1642 Datasheet HTML 2Page - Texas Instruments OPA1642 Datasheet HTML 3Page - Texas Instruments OPA1642 Datasheet HTML 4Page - Texas Instruments OPA1642 Datasheet HTML 5Page - Texas Instruments OPA1642 Datasheet HTML 6Page - Texas Instruments OPA1642 Datasheet HTML 7Page - Texas Instruments OPA1642 Datasheet HTML 8Page - Texas Instruments OPA1642 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
OPA1641-Q1, OPA1642-Q1
SBOS791 – JUNE 2017
www.ti.com
Product Folder Links: OPA1641-Q1 OPA1642-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input pins are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails must be
current-limited to 10 mA or less. The input voltage and output negative-voltage ratings can be exceeded if the input and output current
ratings are followed.
(3)
Short-circuit to VS / 2 (ground in symmetrical dual-supply setups), one amplifier per package.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VS
Supply voltage
40
V
VIN
Input voltage(2)
(V–) – 0.5
(V+) + 0.5
V
IIN
Input current(2)
±10
mA
VIN(DIFF) Differential input voltage
±VS
V
IO
Output short-circuit(3)
Continuous
TA
Operating temperature
–55
125
°C
TJ
Junction temperature
–65
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±3000
V
Charged-device model (CDM), per AEC Q100-011
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage (V+, V–)
Single supply
4.5
36
V
Dual supply
±2.25
±18
Specified temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
OPA1641-Q1, OPA1642-Q1
UNIT
D (SOIC)
DGK (VSSOP)
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
160
180
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
75
55
°C/W
RθJB
Junction-to-board thermal resistance
60
130
°C/W
ψJT
Junction-to-top characterization parameter
9
n/a
°C/W
ψJB
Junction-to-board characterization parameter
50
120
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W


Similar Part No. - OPA1642

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1642 TI-OPA1642 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1642 TI-OPA1642 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1642 TI-OPA1642 Datasheet
865Kb / 25P
[Old version datasheet]   High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1642AID TI-OPA1642AID Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1642AID TI-OPA1642AID Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA1642

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1611 TI-OPA1611_15 Datasheet
1Mb / 31P
[Old version datasheet]   SoundPlus High-Performance, Bipolar-Input Audio Operational Amplifiers
OPA1641_1004 TI-OPA1641_1004 Datasheet
742Kb / 22P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641 Datasheet
764Kb / 21P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641 TI-OPA1641_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, JFET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1641_101 TI-OPA1641_101 Datasheet
865Kb / 25P
[Old version datasheet]   High-Perforamnce,JFET-Input AUDIO OPERATIONAL AMPLIFIERS
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com