Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA2388IDR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part No. OPA2388IDR
Description  Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2388IDR Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPA2388IDR Datasheet HTML 18Page - Texas Instruments OPA2388IDR Datasheet HTML 19Page - Texas Instruments OPA2388IDR Datasheet HTML 20Page - Texas Instruments OPA2388IDR Datasheet HTML 21Page - Texas Instruments OPA2388IDR Datasheet HTML 22Page - Texas Instruments OPA2388IDR Datasheet HTML 23Page - Texas Instruments OPA2388IDR Datasheet HTML 24Page - Texas Instruments OPA2388IDR Datasheet HTML 25Page - Texas Instruments OPA2388IDR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
-3
-2
-1
0
1
2
3
2.47
2.48
2.49
2.5
2.51
2.52
2.53
±100 ±80 ±60 ±40 ±20
0
20
40
60
80
100
û5 5 SSP
C001
R
G = 1 kŸ
22
OPA388, OPA2388, OPA4388
SBOS777 – DECEMBER 2016
www.ti.com
Product Folder Links: OPA388 OPA2388 OPA4388
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
System Examples (continued)
Figure 46. Load Cell Measurement Output
9 Power Supply Recommendations
The OPAx388 family of devices is specified for operation from 2.5 V to 5.5 V (±1.25 V to ±2.75 V). Parameters
that can exhibit significant variance with regard to operating voltage are presented in the Typical Characteristics
section.


Similar Part No. - OPA2388IDR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
OPA2388IDR TI1-OPA2388IDR Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA2388IDR TI1-OPA2388IDR Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA2388IDR TI1-OPA2388IDR Datasheet
2Mb / 45P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA2388IDR TI1-OPA2388IDR Datasheet
2Mb / 45P
[Old version datasheet]   OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
More results

Similar Description - OPA2388IDR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
OPA388 TI1-OPA388 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_19 Datasheet
2Mb / 45P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388_1812 TI1-OPA388_1812 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
OPA388 TI1-OPA388_V01 Datasheet
2Mb / 45P
[Old version datasheet]   OPAx388 Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA388-Q1 TI-OPA388-Q1_V01 Datasheet
2Mb / 34P
[Old version datasheet]   OPAx388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
NOVEMBER 2021
OPA388-Q1 TI-OPA388-Q1 Datasheet
2Mb / 31P
[Old version datasheet]   OPA388-Q1 Automotive, Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifier
Analog Devices
Analog Devices
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571ARMZ AD-AD8571ARMZ Datasheet
416Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz