Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VLFX-225 Datasheet(PDF) 1 Page - Mini-Circuits

Part No. VLFX-225
Description  Low Pass Filter DC to 225 MHz (40 dB Isolation up to 20 GHz)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

VLFX-225 Datasheet(HTML) 1 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low Pass Filter Electrical Specifications @ 25°C
Maximum Ratings
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input*
10W max. at 25°C
Applications
• harmonic rejection
• transmitters/receivers
• lab use
• test instrumentation
• very good isolation, 40 dB up to 20 GHz
• 21 sections
• temperature stable LTCC internal structure
• patent pending
• re-entry frequency > 20 GHz
• rugged stainless steel unibody
CASE STYLE: FF1118
PRICE: $ 39.95 ea. QTY (1-9)
Functional Schematic
RF IN
RF OUT
*Passband rating, derate linearly to 3.5W at 100°C ambient.
Outline Dimensions (
)
inch
mm
B
D
E
wt.
.39
2.67
.312
grams
9.91
67.82
7.92
17.0
MODEL
NO.
PASSBAND
(MHz)
(Loss < 1.2dB)
Max.
fco, MHz
Nom
(Loss 3 dB)
Typ
STOPBAND (MHz)
(Loss, dB)
VSWR (:1)
NO. OF
SECTIONS
f20
Min.
f40
Typ.
Stopband
Typ.
Passband
Typ.
VLFX-225
DC-225
345
460
520-20000
10
1.15
21
Outline Drawing
Typical Frequency Response
FREQUENCY
>20 GHz
fco
f20
f40
40 dB
20 dB
3 dB
1 dB
Typical Performance Data @ 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
50
0.18
1.08
100
0.52
1.10
160
0.61
1.11
225
0.92
1.10
260
1.16
1.13
300
1.52
1.28
360
3.50
1.62
400
6.96
1.78
440
23.09
3.47
520
41.12
8.40
600
41.60
11.87
750
49.81
18.37
1000
49.72
33.93
2500
78.92
98.08
5000
68.41
49.08
7500
65.61
36.38
10000
59.00
17.35
12500
74.50
12.80
15000
57.27
5.82
20000
58.14
4.44
INTERNET
http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits®
Mini-Circuits ISO 9001 & ISO 14001 Certified
DC to 225 MHz (40 dB Isolation up to 20 GHz)
Low Pass Filter
Coaxial
REV. OR
M96318
VLFX-225
EDU-0399
ED-11930A/3
URJ/AD/CP
050119
NEW!
VLFX-225
VLFX-225
INSERTION LOSS
0
10
20
30
40
50
60
70
80
90
100
0
4000
8000
12000
16000
20000
FREQUENCY (MHz)
VLFX-225
VSWR
1
10
100
1000
0
4000
8000
12000
16000
20000
FREQUENCY (MHz)


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn