Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA826S Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA826S
Description  Precision, 200-uA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output and Shutdown
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA826S Datasheet(HTML) 1 Page - Texas Instruments

  INA826S Datasheet HTML 1Page - Texas Instruments INA826S Datasheet HTML 2Page - Texas Instruments INA826S Datasheet HTML 3Page - Texas Instruments INA826S Datasheet HTML 4Page - Texas Instruments INA826S Datasheet HTML 5Page - Texas Instruments INA826S Datasheet HTML 6Page - Texas Instruments INA826S Datasheet HTML 7Page - Texas Instruments INA826S Datasheet HTML 8Page - Texas Instruments INA826S Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
A
1
A
2
A
3
7
50 kW
50 kW
50 kW
50 kW
8
5
4
3
2
1
-IN
+IN
R
G
V+
V-
TI Device
G = 1 +
49.4 kW
R
G
6
RFI Filter
24.7 kW
24.7 kW
RFI Filter
Load
V = G
(V
´
V
)
-
O
IN+
IN-
0.1 F
m
0.1 F
m
+
-
V
O
REF
R
(1)
S
R
(1)
S
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA826S
SBOS770A – MAY 2017 – REVISED JUNE 2017
INA826S Precision, 200-µA Supply Current, 3-V to 36-V Supply
Instrumentation Amplifier With Rail-to-Rail Output and Shutdown
1
1 Features
1
Input Common-Mode Range: Includes V–
Common-Mode Rejection:
104 dB (Min, G = 10)
100 dB (Min at 5 kHz, G = 10)
Power-Supply Rejection: 100 dB (Min, G = 1)
Low Offset Voltage: 150 µV, max
Gain Drift: 1 ppm/°C (G = 1), 35 ppm/°C (G > 1)
Noise: 18 nV/
√Hz, G ≥ 100
Bandwidth: 1 MHz (G = 1), 60 kHz (G = 100)
Inputs Protected up to ±40 V
Rail-to-Rail Output
Supply Current: 200 µA
Shutdown Current: 2 µA
Supply Range:
Single Supply: 3 V to 36 V
Dual Supply: ±1.5 V to ±18 V
Specified Temperature Range:
–40°C to +125°C
Packages: 3-mm × 3-mm VSON
2 Applications
Industrial Process Controls
Circuit Breakers
Battery Testers
ECG Amplifiers
Power Automation
Medical Instrumentation
Portable Instrumentation
3 Description
The INA826S device is a low-cost instrumentation
amplifier that offers extremely low power consumption
along with shutdown and operates over a very wide
single- or dual-supply range. A single external resistor
sets any gain from 1 to 1000. The device offers
excellent stability over temperature, even at G > 1, as
a result of the low gain drift of only 35 ppm/°C (max).
The INA826S is optimized to provide excellent
common-mode rejection ratio of over 100 dB (G = 10)
over frequencies up to 5 kHz. At G = 1, the common-
mode rejection ratio exceeds 84 dB across the full
input common-mode range from the negative supply
all the way up to 1 V of the positive supply. Using a
rail-to-rail output, the INA826S is well-suited for low
voltage operation from a 3-V single supply as well as
dual supplies up to ±18 V.
Shutdown pins are provided to reduce supply current
below 2 µA. Additional circuitry protects the inputs
against overvoltage of up to ±40 V beyond the power
supplies by limiting the input currents to less than
8 mA.
The INA826S is available in a 10-pin, 3-mm ×
3-mm VSON surface-mount package. The INA826S
is specified over the –40°C to +125°C temperature
range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA826S
VSON (10)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
INA826S Simplified Internal Schematic


Similar Part No. - INA826S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826 TI1-INA826 Datasheet
1Mb / 39P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826 TI-INA826 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
INA826 TI-INA826 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
INA826 TI1-INA826 Datasheet
1Mb / 43P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
INA826 TI-INA826 Datasheet
3Mb / 33P
[Old version datasheet]   INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
REVISED JULY 2021
More results

Similar Description - INA826S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826_1112 TI-INA826_1112 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
INA826 TI1-INA826 Datasheet
1Mb / 39P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
TLV07 TI1-TLV07 Datasheet
263Kb / 21P
[Old version datasheet]   36-V Precision, Rail-to-Rail Output Operational Amplifier
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com