Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VLF-3000 Datasheet(PDF) 1 Page - Mini-Circuits

Part No. VLF-3000
Description  Coaxial Low Pass Filter DC to 3000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

VLF-3000 Datasheet(HTML) 1 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low Pass Filter Electrical Specifications (TAMB=25°C)
VLF-3000
DC-3000
3600
4350
4780-7500
10000
20
1.2
7
MODEL
NO.
PASSBAND
(MHz)
fco, MHz
Nom.
(loss 3 dB)
Typ.
STOP BAND (MHz)
(loss, dB)
(loss < 1 dB)
Max.
VSWR (:1)
Stopband
Typ.
Passband
Typ.
NO. OF
SECTIONS
f 20
Min.
fr 20
Typ.
30
Typ.
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
schematic
schematic
schematic
schematic
schematic
typical frequency response
typical frequency response
typical frequency response
typical frequency response
typical frequency response
fR 20 dB
20dB
3dB
40dB
1dB
FREQUENCY
f 20
f co
RF IN
RF OUT
Outline Drawing
Maximum Ratings
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input
10*W max. at 25°C
DC Current Input to Output
0.5A max. at 25°C
Applications
• harmonic rejection
• transmitters/receivers
• lab use
• low cost
• small size
• 7 sections
• temperature stable
• patent pending
*Passband rating, derate linearly to 3.5W at 100°C ambient.
Outline Dimensions (
)
inch
mm
B
D
E
wt.
.410
1.43
.312
grams
10.41
36.32
7.92
10.0
VLF-3000
CASE STYLE: FF704
PRICE: $19.95 ea. QTY (10-24)
50
0.03
1.01
1000
0.29
1.23
1500
0.40
1.34
3000
0.77
1.15
3600
2.96
3.08
4480
25.24
25.19
4780
40.44
29.96
5000
46.26
27.59
6500
36.73
19.98
10000
21.68
18.70
11000
19.41
13.70
13000
13.67
12.99
15000
14.56
11.61
17000
16.94
4.41
20000
24.85
4.88
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
DC to 3000 MHz
Low Pass Filter
Coaxial
REV. OR
M94020
VLF-3000
EDR-6783/6
AD/TD/CP
040907
NEW!
VLF-3000
INSERTION LOSS
0
10
20
30
40
50
60
0
5000
10000
15000
20000
FREQUENCY (MHz)
VLF-3000
VSWR
1
10
100
1000
0
5000
10000
15000
20000
FREQUENCY (MHz)


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn