Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE845VD5220MR30L2 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PHE845VD5220MR30L2
Description  Capacitor, film, 0.022 uF, /-20% Tol, -40/105C, Safety: X1, 760 VAC, Lead Spacing=22.5 mm, Not for new design.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHE845VD5220MR30L2 Datasheet(HTML) 1 Page - Kemet Corporation

  PHE845VD5220MR30L2 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 12/29/2014 - 8147bb77-6885-42f5-a4fd-51ae33a9b351
KEMET Part Number: PHE845VD5220MR30L2
Capacitor, film, 0.022 uF, +/-20% Tol, -40/+105C, Safety: X1, 760 VAC, Lead Spacing=22.5 mm, Not for new design.
Dimensions (mm)
Symbol
Dimension
Tolerance
L
26.00
MAX
H
14.50
MAX
T
6.50
MAX
S
22.50
+/-0.4
LL
30.00
+0/-1
F
0.80
NOM
Packaging Specifications
Package Kind: Pizza
Package Type: Tray
Package Quantity: 440
General Information
Supplier: KEMET
Dielectric: Metallized Polypropylene
Application: Safety: X1
Style: Radial Box
Approvals: ENEC,UL,cUL
RoHS: Yes
Specifications
Capacitance: 0.022 uF
Voltage: 1500 VDC
Tolerance: +/-20%
Voltage AC: 760 VAC
Rated Temperature: 105C
Temperature Range: -40/+105C
Dissipation Factor @ 1 kHz: 0.1%
Dissipation Factor @ 10 kHz: 0.2%
Dissipation Factor @ 100kHz: 0.6%
Insulation Resistance: 30 GOhm
Maximum dVdT: 100 v/us
Miscellaneous Electrical: Not for new design.
© 2006-2014 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - PHE845VD5220MR30L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE845VD5100KR06L2 KEMET-PHE845VD5100KR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
PHE845VD5100MR06L2 KEMET-PHE845VD5100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results

Similar Description - PHE845VD5220MR30L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE845VY6220MR30L2 KEMET-PHE845VY6220MR30L2 Datasheet
55Kb / 1P
   Capacitor, film, 0.22 uF, /-20% Tol, -40/105C, Safety: X1, 760 VAC, Lead Spacing=22.5 mm, Not for new design.
PHE845VF6100MR30L2 KEMET-PHE845VF6100MR30L2 Datasheet
55Kb / 1P
   Capacitor, film, 0.1 uF, /-20% Tol, -40/105C, Safety: X1, 760 VAC, Lead Spacing=27.5 mm, Not for new design.
PHE845VF6330MR06L2 KEMET-PHE845VF6330MR06L2 Datasheet
56Kb / 1P
   Capacitor, film, 0.33 uF, /-20% Tol, -40/105C, Safety: X1, 760 VAC, Lead Spacing=27.5 mm
PHE845VR6470MR06L2 KEMET-PHE845VR6470MR06L2 Datasheet
56Kb / 1P
   Capacitor, film, 0.47 uF, /-20% Tol, -40/105C, Safety: X1, 760 VAC, Lead Spacing=37.5 mm
PHE845VR6680MR06L2 KEMET-PHE845VR6680MR06L2 Datasheet
56Kb / 1P
   Capacitor, film, 0.68 uF, /-20% Tol, -40/105C, Safety: X1, 760 VAC, Lead Spacing=37.5 mm
PHE845VW7100MR30L2 KEMET-PHE845VW7100MR30L2 Datasheet
56Kb / 1P
   Capacitor, film, 1 uF, /-20% Tol, -40/105C, Safety: X1, 760 VAC, Lead Spacing=37.5 mm
PHE844RD6330MR30L2 KEMET-PHE844RD6330MR30L2 Datasheet
56Kb / 1P
   Capacitor, film, 0.33 uF, /-20% Tol, -40/105C, Safety: X1, 480 VAC, Lead Spacing=22.5 mm
PHE844RD6220MR30L2 KEMET-PHE844RD6220MR30L2 Datasheet
56Kb / 1P
   Capacitor, film, 0.22 uF, /-20% Tol, -40/105C, Safety: X1, 480 VAC, Lead Spacing=22.5 mm
PHE844RD6470MR30L2 KEMET-PHE844RD6470MR30L2 Datasheet
56Kb / 1P
   Capacitor, film, 0.47 uF, /-20% Tol, -40/105C, Safety: X1, 480 VAC, Lead Spacing=22.5 mm
PHE844RF7100MR30L2 KEMET-PHE844RF7100MR30L2 Datasheet
56Kb / 1P
   Capacitor, film, 1 uF, /-20% Tol, -40/105C, Safety: X1, 480 VAC, Lead Spacing=27.5 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com