Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE845VF5100MR06L2 Datasheet(PDF) 3 Page - Kemet Corporation

Part # PHE845VF5100MR06L2
Description  Metallized Polypropylene Film EMI Suppression Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHE845VF5100MR06L2 Datasheet(HTML) 3 Page - Kemet Corporation

  PHE845VF5100MR06L2 Datasheet HTML 1Page - Kemet Corporation PHE845VF5100MR06L2 Datasheet HTML 2Page - Kemet Corporation PHE845VF5100MR06L2 Datasheet HTML 3Page - Kemet Corporation PHE845VF5100MR06L2 Datasheet HTML 4Page - Kemet Corporation PHE845VF5100MR06L2 Datasheet HTML 5Page - Kemet Corporation PHE845VF5100MR06L2 Datasheet HTML 6Page - Kemet Corporation PHE845VF5100MR06L2 Datasheet HTML 7Page - Kemet Corporation PHE845VF5100MR06L2 Datasheet HTML 8Page - Kemet Corporation PHE845VF5100MR06L2 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3109_PHE845_X1_760 • 5/15/2015
3
Film Capacitors – Metallized Polypropylene Film EMI Suppression Capacitors
PHE845 Series, Class X1, 760 VAC, 105°C
Dimensions – Millimeters
L
B
H
d
p
LL
0.5
FRONT VIEW
SIDE VIEW
KEMET Size
Code
Legacy Size
Code
p
B
H
L
d
Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance
DD
D13
22.5
+/-0.4
6.5
Maximum
14.5
Maximum
26.0
Maximum
0.8
+/-0.05
DG
D17
22.5
+/-0.4
7.0
Maximum
16.5
Maximum
26.0
Maximum
0.8
+/-0.05
DM
D15
22.5
+/-0.4
9.0
Maximum
18.5
Maximum
26.0
Maximum
0.8
+/-0.05
DR
D18
22.5
+/-0.4
10.5
Maximum
19.0
Maximum
26.0
Maximum
0.8
+/-0.05
DT
D16
22.5
+/-0.4
11.0
Maximum
21.5
Maximum
26.0
Maximum
0.8
+/-0.05
DW
D20
22.5
+/-0.4
13.5
Maximum
23.0
Maximum
26.0
Maximum
0.8
+/-0.05
DY
D19
22.5
+/-0.4
15.5
Maximum
24.5
Maximum
26.0
Maximum
0.8
+/-0.05
FE
F11
27.5
+/-0.4
10.5
Maximum
20.5
Maximum
31.5
Maximum
0.8
+/-0.05
FG
F12
27.5
+/-0.4
11.5
Maximum
22.5
Maximum
31.5
Maximum
0.8
+/-0.05
FK
F03
27.5
+/-0.4
13.5
Maximum
23.0
Maximum
31.5
Maximum
0.8
+/-0.05
FS
F15
27.5
+/-0.4
19.0
Maximum
29.0
Maximum
31.5
Maximum
0.8
+/-0.05
FV
F16
27.5
+/-0.4
21.0
Maximum
30.0
Maximum
31.5
Maximum
0.8
+/-0.05
RH
R04
37.5
+/-0.5
15.0
Maximum
26.0
Maximum
41.0
Maximum
1.0
+/-0.05
RK
R02
37.5
+/-0.5
16.5
Maximum
32.0
Maximum
41.0
Maximum
1.0
+/-0.05
RM
R03
37.5
+/-0.5
19.0
Maximum
36.0
Maximum
41.0
Maximum
1.0
+/-0.05
RP
R06
37.5
+/-0.5
21.0
Maximum
38.0
Maximum
41.0
Maximum
1.0
+/-0.05
Note: See Ordering Options Table for lead length (LL) options.


Similar Part No. - PHE845VF5100MR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE845VF6100MR30L2 KEMET-PHE845VF6100MR30L2 Datasheet
55Kb / 1P
   Capacitor, film, 0.1 uF, /-20% Tol, -40/105C, Safety: X1, 760 VAC, Lead Spacing=27.5 mm, Not for new design.
PHE845VF6220MR30L2 KEMET-PHE845VF6220MR30L2 Datasheet
55Kb / 1P
   Film, Metallized Polypropylene, Safety, PHE845/F845, 0.22 uF, 20%, 1,500 V, 760 V, 105C, Lead Spacing = 27.5mm
PHE845VF6330MR06L2 KEMET-PHE845VF6330MR06L2 Datasheet
56Kb / 1P
   Capacitor, film, 0.33 uF, /-20% Tol, -40/105C, Safety: X1, 760 VAC, Lead Spacing=27.5 mm
More results

Similar Description - PHE845VF5100MR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474I210000A1M KEMET-R474I210000A1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I233000M1M KEMET-R413I233000M1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KI21000001M KEMET-R46KI21000001M Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46 KEMET-R46_V01 Datasheet
2Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
R474F14700001M KEMET-R474F14700001M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R475I21000001M KEMET-R475I21000001M Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com