Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE845VD5100MR06L2 Datasheet(PDF) 10 Page - Kemet Corporation

Part # PHE845VD5100MR06L2
Description  Metallized Polypropylene Film EMI Suppression Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHE845VD5100MR06L2 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button PHE845VD5100MR06L2 Datasheet HTML 6Page - Kemet Corporation PHE845VD5100MR06L2 Datasheet HTML 7Page - Kemet Corporation PHE845VD5100MR06L2 Datasheet HTML 8Page - Kemet Corporation PHE845VD5100MR06L2 Datasheet HTML 9Page - Kemet Corporation PHE845VD5100MR06L2 Datasheet HTML 10Page - Kemet Corporation PHE845VD5100MR06L2 Datasheet HTML 11Page - Kemet Corporation PHE845VD5100MR06L2 Datasheet HTML 12Page - Kemet Corporation PHE845VD5100MR06L2 Datasheet HTML 13Page - Kemet Corporation PHE845VD5100MR06L2 Datasheet HTML 14Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3109_PHE845_X1_760 • 5/15/2015 10
Film Capacitors – Metallized Polypropylene Film EMI Suppression Capacitors
PHE845 Series, Class X1, 760 VAC, 105°C
Marking
IEC
Climatic
Category
Approval
Marks
TOP
FRONT
Capacitance
Capacitance
Tolerance
Series
Rated
Voltage
RIFA
Logo
Manufacturing
Date Code
Manufacturing Date Code (IEC 60062)
Y = Year, Z = Month
Year
Code
Month
Code
2000
M
January
1
2001
N
February
2
2002
P
March
3
2003
R
April
4
2004
S
May
5
2005
T
June
6
2006
U
July
7
2007
V
August
8
2008
W
September
9
2009
X
October
O
2010
A
November
N
2011
B
December
D
2012
C
2013
D
2014
E
2015
F
2016
H
2017
J
2018
K
2019
L
2020
M


Similar Part No. - PHE845VD5100MR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE845VD5220MR30L2 KEMET-PHE845VD5220MR30L2 Datasheet
55Kb / 1P
   Capacitor, film, 0.022 uF, /-20% Tol, -40/105C, Safety: X1, 760 VAC, Lead Spacing=22.5 mm, Not for new design.
More results

Similar Description - PHE845VD5100MR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474I210000A1M KEMET-R474I210000A1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I233000M1M KEMET-R413I233000M1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46KI21000001M KEMET-R46KI21000001M Datasheet
1Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46 KEMET-R46_V01 Datasheet
2Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
R474F14700001M KEMET-R474F14700001M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R475I21000001M KEMET-R475I21000001M Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com