Electronic Components Datasheet Search |
|
A1RKB1-CA Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
A1RKB1-CA Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd. |
7 / 7 page Series A Process Sealed Subminiature Rockers B10 B www.nkkswitches.com Vertical PC Double Pole A22K1V-DA TYPICAL SWITCH DIMENSIONS Right Angle PC Double Pole Vertical PC Single Pole A22K1H-DA A12K1V-DA V Terminals V1 Terminals (6.0) .236 (5.08) .200 (0.3) Typ .012 (6.35) .250 (0.8) .031 (5.2) .205 (3.1) .122 (0.5) .020 (2.54) .100 (5.08) .200 (11.9) .469 (11.5) .452 (0.7) .028 (4.5) .177 P/N This Side (10.0) .394 32 1 65 4 (0.6) Dia Typ .024 (2.54) Typ .100 (0.4) .016 (9.8) .386 (10.2) .402 1 2 3 CL (5.84) .230 (1.0) .039 (0.6) Dia Typ .024 (0.4) .016 (11.5) .452 (2.54) .100 (11.4) .448 (14.73) .580 (14.46) .569 26° (8.8) .346 (7.0) .276 (0.8) .031 (0.5) .020 (3.1) .122 (1.0) .039 (2.54) Typ .100 (5.3) .208 (2.54) .100 P/N This Side (0.3) Typ .012 (0.7) Typ .028 (2.54) .100 (6.35) .250 ROCKER MOUNTING PRECAUTION (9.5) .374 (6.35) .250 (5.08) .200 (0.3) Typ .012 (14.73) .580 (11.4) .448 26° (8.8) .346 (7.0) .276 (0.8) .031 (0.5) .020 (3.1) .122 (1.0) .039 (2.54) Typ .100 (5.3) .208 (11.5) .452 (14.46) .569 (0.7) .028 (5.08) .200 P/N This Side (10.2) .402 (0.4) Typ .016 (0.6) Dia Typ .024 (5.08) .200 1 2 3 4 5 6 Side View of Rocker Right Angle Mounting PC Single Pole Only Side View of Rocker Vertical Mounting PC Single Pole and Double Pole Rocker switches with vertical and right angle terminals must be mounted so that extension of the PC board beyond the top of the switch housing does not interrupt rocker movement, in turn causing incomplete switching operation. The MAXIMUM limit of the PC board extension is .051” (1.3mm), as illustrated below. This precaution does not apply to the double pole switch with right angle terminals due to the extra width of the switch allowing the rocker to clear the PC board. 3 1 2 (2.54) Typ .100 (0.8) Dia Typ .031 (1.0) .039 CL (2.54) .100 3 1 2 (2.54) Typ .100 (0.8) Dia Typ .031 (1.0) .039 CL (5.08) .200 6 4 52 3 1 (2.54) Typ .100 (0.8) Dia Typ .031 (5.08) .200 (5.08) .200 (5.08) .200 6 45 23 1 (2.54) Typ .100 (0.8) Dia Typ .031 (2.54) .100 (6.6) .260 PCB (1.3) .051 Interruption by end of PCB (1.3) .051 Interruption by end of PCB 26° PCB |
Similar Part No. - A1RKB1-CA |
|
Similar Description - A1RKB1-CA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |