Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWK2043-S68 Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LWK2043-S68
Description  ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LWK2043-S68 Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LWK2043-S68 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LWK2043-S68 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LWK2043-S68 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LWK2043-S68 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LWK2043-S68 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LWK2043-S68 Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MIL-STD-202:103B
JIS C 7021: B-11
MIL-STD-202: 208D
MIL-STD-750: 2026
MIL-STD-883: 2003
JIS C 7021: A-2
MIL-STD-202: 210A
MIL-STD-750: 2031
JIS C 7021: A-1
MIL-STD-202: 107D
MIL-STD-750: 1051
MIL-STD-883: 1011
1.T.Sol=260
℃±5
2.Dwell time= 10
±1sec.
This test intended to determine the
thermal characteristic resistance
of the device to sudden exposures
at extreme changes in temperature
when soldering the lead wire.
Solderability Test
1.T.Sol=230
℃±5
2.Dwell time=5
±1sec
This test intended to see soldering well
performed or not.
1.Ta=105
℃±5&-40℃±5
(10min) (10min)
2.total 10 cycles
Solder Resistance
Test
Thermal Shock Test
High Temperature
High Humidity Test
1.Ta=65
℃±5
2.RH=90 %~95%
3.t=240hrs
±2hrs
The purpose of this is the resistance of
the device to sudden extreme changes
in high and low temperature.
The purpose of this test is the resistance
of the device under tropical for hous.
PART NO. LWK2043/S68
Reliability Test:
Page 5/5
Reference
Standard
MIL-STD-750: 1026
MIL-STD-883: 1005
JIS C 7021: B-1
JIS C 7021: B-12
MIL-STD-883:1008
JIS C 7021: B-10
1.Under Room Temperature
2.If=20mA
3.t=1000 hrs (-24hrs, +72hrs)
This test is conducted for the purpose
of detemining the resisance of a part
in electrical and themal stressed.
Low Temperature
Storage Test
1.Ta=-40
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
High Temperature
Storage Test
Operating Life Test
1.Ta=105
℃±5
2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of
the device which is laid under ondition
of high temperature for hours.
The purpose of this is the resistance
of the device which is laid under
condition of low temperature for hours.
Test Item
Test Condition
Description
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Similar Part No. - LWK2043-S68

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LWK2043-A-B02 LIGITEK-LWK2043-A-B02 Datasheet
230Kb / 9P
   ROUND TYPE LED LAMPS
LWK2043-C02-TRF-X LIGITEK-LWK2043-C02-TRF-X Datasheet
271Kb / 10P
   ROUND TYPE LED LAMPS
LWK2043-F443 LIGITEK-LWK2043-F443 Datasheet
1Mb / 6P
   ROUND TYPE LED LAMPS
LWK2043-F57 LIGITEK-LWK2043-F57 Datasheet
1Mb / 6P
   ROUND TYPE LED LAMPS
LWK2043-H0 LIGITEK-LWK2043-H0 Datasheet
139Kb / 6P
   ROUND TYPE LED LAMPS
More results

Similar Description - LWK2043-S68

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com