Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3159 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SK3159
Description  150V - 50A - MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3159 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SK3159_16 Datasheet HTML 1Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 2Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 3Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 4Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 5Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 6Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 7Page - Renesas Technology Corp 2SK3159_16 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SK3159
R07DS1357EJ0500 Rev.5.00
Page 5 of 7
Aug 02, 2016
Avalanche Test Circuit
Avalanche Waveform
0
ID
VDS
IAP
V(BR)DSS
VDD
EAR =
• L • IAP
2
2
1
VDSS
VDSS – VDD
D.U.T
Rg
IAP
Monitor
VDS
Monitor
VDD
50
Ω
Vin
15 V
L
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width
3
1
0.3
0.1
0.03
0.01
10
μ
100
μ
1 m
10 m100 m1
10
Tc = 25°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1sh
ot p
uls
e
PDM
PW
T
D =
PW
T
θch – c (t) = γ s (t) • θch – c
θch – c = 1.0°C/W, Tc = 25°C
Source to Drain Voltage
VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
250
2550
75
100
125
150
0
50
100
150
200
Channel Temperature Tch (°C)
Maximum Avalanche Energy vs.
Channel Temperature Derating
IAP = 50 A
VDD = 50 V
duty < 0.1 %
Rg
≥ 50 Ω
50
0
10
20
30
40
00.4
0.8
1.21.6
2.0
Pulse Test
5 V
VGS = 0, –5 V
10 V


Similar Part No. - 2SK3159_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3159 RENESAS-2SK3159_15 Datasheet
112Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - 2SK3159_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1575DPA RENESAS-RJK1575DPA_15 Datasheet
96Kb / 7P
   150V - 25A - MOS FET High Speed Power Switching
RJK1576DPA RENESAS-RJK1576DPA_15 Datasheet
96Kb / 7P
   150V - 25A - MOS FET High Speed Power Switching
RJK1575DPA RENESAS-RJK1575DPA Datasheet
96Kb / 7P
   150V - 25A - MOS FET High Speed Power Switching
RJK1576DPA RENESAS-RJK1576DPA Datasheet
96Kb / 7P
   150V - 25A - MOS FET High Speed Power Switching
RJK1525DPP-M0 RENESAS-RJK1525DPP-M0_15 Datasheet
92Kb / 7P
   150V - 17A - MOS FET High Speed Power Switching
RJK1525DPP-M0 RENESAS-RJK1525DPP-M0 Datasheet
92Kb / 7P
   150V - 17A - MOS FET High Speed Power Switching
H5N5004PL-E0-E RENESAS-H5N5004PL-E0-E_15 Datasheet
138Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
2SK1522-E1-E RENESAS-2SK1522-E1-E_15 Datasheet
95Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E_15 Datasheet
97Kb / 7P
   500V - 50A - MOS FET High Speed Power Switching
H5N5004PL-E0-E RENESAS-H5N5004PL-E0-E Datasheet
250Kb / 8P
   500V - 50A - MOS FET High Speed Power Switching
Oct.28.2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com