Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20114BFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R2A20114BFP
Description  Continuous Conduction Mode Interleaving PFC Control IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20114BFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R2A20114BFP Datasheet HTML 3Page - Renesas Technology Corp R2A20114BFP Datasheet HTML 4Page - Renesas Technology Corp R2A20114BFP Datasheet HTML 5Page - Renesas Technology Corp R2A20114BFP Datasheet HTML 6Page - Renesas Technology Corp R2A20114BFP Datasheet HTML 7Page - Renesas Technology Corp R2A20114BFP Datasheet HTML 8Page - Renesas Technology Corp R2A20114BFP Datasheet HTML 9Page - Renesas Technology Corp R2A20114BFP Datasheet HTML 10Page - Renesas Technology Corp R2A20114BFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
R2A20114BFP
R03DS0101EJ0100 Rev.1.00
Page 7 of 15
Nov. 8, 2016
(Ta=25℃, VCC=12V, CT=1000pF, RT=27kΩ, CS1,CS2=GND, CS1_GND,CS2_GND=GND, V_CNTL=0V,
IRAMP=10kΩ, BO=1V, VAC=0V, RS=220kΩ, FB=COMP)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Over
voltage
protection
Dynamic OVP
Threshold
voltage
Vdovp
VFB×
1.025
VFB×
1.04
VFB×
1.055
V
Static OVP
Threshold
voltage
Vsovp
VFB×
1.065
VFB×
1.08
VFB×
1.095
V
COMP = OPEN
Static OVP
Hysteresis
Hys-sovp
50
100
150
mV
COMP = OPEN
OVP2 Threshold
voltage
Vovp2
VFB×
1.065
VFB×
1.08
VFB×
1.095
V
COMP = OPEN
OVP2 Hysteresis
Hys-ovp2
50
100
150
mV
COMP = OPEN
OVP2 Bias current
Iovp2
-0.7
–0.35
–0.17
μA
Measured pin: OVP2
FB Open Detect
Threshold
voltage
Vfbopen
0.45
0.5
0.55
V
FB Open Detect
hysteresis
Vfbopen
0.16
0.2
0.24
V
Over
current
protection
OCP Threshold
voltage
VCL
0.28
0.31
0.34
V
Delay to output
td-CL
-
100
250
ns
V_CNTL
Input Range
Vcntl
0
-
3.5
V
V_CNTL Disable
voltage
Vcntl_dis
-
0.2
-
V
V_CNTL Limit
voltage
Vcntl_clam
p
-
4
-
V
VFB Control
voltage 1
Vfb_cntl1
2.371
2.445
2.519
V
V_CNTL=0.3V
VFB Control
voltage 2
Vfb_cntl2
1.571
1.645
1.769
V
V_CNTL=3.5V
Discharge Current
Icntl
0.87
1.75
3.50
A


Similar Part No. - R2A20114BFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPW0 RENESAS-R2A20114AFPW0 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPW0 RENESAS-R2A20114AFPW0 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
More results

Similar Description - R2A20114BFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104-114 RENESAS-R2A20104-114 Datasheet
354Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com