Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZNSP4201MR6T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # SZNSP4201MR6T1G
Description  Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZNSP4201MR6T1G Datasheet(HTML) 2 Page - ON Semiconductor

  SZNSP4201MR6T1G Datasheet HTML 1Page - ON Semiconductor SZNSP4201MR6T1G Datasheet HTML 2Page - ON Semiconductor SZNSP4201MR6T1G Datasheet HTML 3Page - ON Semiconductor SZNSP4201MR6T1G Datasheet HTML 4Page - ON Semiconductor SZNSP4201MR6T1G Datasheet HTML 5Page - ON Semiconductor SZNSP4201MR6T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NSP4201MR6
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
Ppk
Peak Power Dissipation
C
Capacitance @ VR = 0 and f = 1.0 MHz
*See Application Note AND8308/D for detailed explanations of
datasheet parameters.
Uni−Directional Surge Protection
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
ELECTRICAL CHARACTERISTICS (TJ=25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
(Note 2)
5.0
V
Breakdown Voltage
VBR
IT=1 mA, (Note 3)
6.0
V
Reverse Leakage Current
IR
VRWM = 5 V
1.0
mA
Clamping Voltage
(tp = 8/20 ms per Figure 1)
VC
IPP = 1 A, Any I/O to GND
8.5
V
IPP = 5 A, Any I/O to GND
9.0
IPP = 8 A, Any I/O to GND
10
IPP = 25 A, Any I/O to GND
12
Junction Capacitance
CJ
VR = 0 V, f=1 MHz between I/O Pins and GND
3.0
5.0
pF
Junction Capacitance
CJ
VR = 0 V, f=1 MHz between I/O Pins
1.5
3.0
pF
2. Surge protection devices are normally selected according to the working peak reverse voltage (VRWM), which should be equal or greater
than the DC or continuous peak operating voltage level.
3. VBR is measured at pulse test current IT.
Figure 1. IEC61000−4−5 8/20
ms Pulse Waveform
100
90
80
70
60
50
40
30
20
10
0
020
40
60
80
t, TIME (
ms)
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8
ms
PEAK VALUE IRSM @ 8 ms
HALF VALUE IRSM/2 @ 20 ms
Figure 2. Clamping Voltage vs. Peak Pulse Current
(tp = 8/20 ms per Figure 1)
20
10
0
05
PEAK PULSE CURRENT (A)
10
15
20
25
18
8
16
6
14
4
12
2
30
I/O−GND


Similar Part No. - SZNSP4201MR6T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZNSP2201MR6T1G ONSEMI-SZNSP2201MR6T1G Datasheet
267Kb / 8P
   ESD and Surge Protection Device
July, 2019 ??Rev. 0
More results

Similar Description - SZNSP4201MR6T1G

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com