Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSP8814 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSP8814
Description  Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSP8814 Datasheet(HTML) 3 Page - ON Semiconductor

  NSP8814 Datasheet HTML 1Page - ON Semiconductor NSP8814 Datasheet HTML 2Page - ON Semiconductor NSP8814 Datasheet HTML 3Page - ON Semiconductor NSP8814 Datasheet HTML 4Page - ON Semiconductor NSP8814 Datasheet HTML 5Page - ON Semiconductor NSP8814 Datasheet HTML 6Page - ON Semiconductor NSP8814 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NSP8814, NSP8818
www.onsemi.com
3
Figure 2. IEC61000−4−5 8/20
ms Pulse
Waveform
TIME (
ms)
50
0
100
tr = rise time to peak value [8 ms]
tf = decay time to half value [20 ms]
tr
tf
Peak
Value
Half Value
0
Figure 3. Clamping Voltage vs. Peak Pulse Current
(tp = 8/20 ms per Figure 2)
20
18
16
14
12
10
8
6
4
2
0
035
30
25
510
15
20
Ipk (A)
IO−IO
IO−GND
Figure 4. IEC61000−4−5 10/700
ms Pulse
Waveform
TIME (
ms)
50
0
100
tr = rise time to peak value [10 ms]
tf = decay time to half value [700 ms]
tr
tf
Peak
Value
Half Value
0
Figure 5. Clamping Voltage vs. Peak Pulse Current
(tp = 10/700 ms per Figure 4)
20
18
16
14
12
10
8
6
4
2
0
0
Ipk (A)
IO−IO
2
4
6
8
10
12
14
16
18
20
IO−GND
Figure 6. IEC61000−2−4 +8 kV Contact
Clamping Voltage
90
−20
140
120
100
80
020
40
60
TIME (ns)
80
70
60
50
40
30
20
10
0
−10
Figure 7. IEC61000−2−4 −8 kV Contact
Clamping Voltage
10
−20
140
120
100
80
020
40
60
TIME (ns)
0
−10
−20
−30
−40
−50
−60
−70
−80
−90


Similar Part No. - NSP8814

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP820M2.5D2ATRF NIC-NSP820M2.5D2ATRF Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NSP820M2.5D2TRF NIC-NSP820M2.5D2TRF Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NSP820M2.5D2XATRF NIC-NSP820M2.5D2XATRF Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NSP820M2.5D2XTRF NIC-NSP820M2.5D2XTRF Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NSP820M25D2ATRF NIC-NSP820M25D2ATRF Datasheet
257Kb / 6P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
More results

Similar Description - NSP8814

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com