Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VLF-320 Datasheet(PDF) 1 Page - Mini-Circuits

Part No. VLF-320
Description  Coaxial Low Pass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

VLF-320 Datasheet(HTML) 1 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low Pass Filter Electrical Specifications (TAMB=25°C)
VLF-320
DC-320
460
560
640-2500
5300
20
1.2
7
MODEL
NO.
PASSBAND
(MHz)
fco, MHz
Nom.
(loss 3 dB)
Typ.
STOP BAND (MHz)
(loss, dB)
(loss < 1 dB)
Max.
VSWR (:1)
Stopband
Typ.
Passband
Typ.
NO. OF
SECTIONS
f 20
Min.
fr 20
Typ.
40
Typ.
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
schematic
schematic
schematic
schematic
schematic
typical frequency response
typical frequency response
typical frequency response
typical frequency response
typical frequency response
RF IN
RF OUT
1.00
0.09
1.02
100.00
0.36
1.04
320.00
0.79
1.17
350.00
.94
1.27
460.00
2.72
2.20
550.00
24.34
12.26
640.00
44.80
19.98
1000.00
49.75
54.29
1500.00
66.15
72.39
2500.00
41.71
59.91
3500.00
30.04
51.10
4000.00
26.30
33.42
4500.00
23.26
20.45
5000.00
21.80
26.33
5500.00
20.10
19.32
fR 20 dB
20dB
3dB
40dB
1dB
FREQUENCY
f 20
f co
CASE STYLE: FF704
PRICE: $19.95 ea. QTY (10-24)
Outline Drawing
Maximum Ratings
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input
8.5*W max. at 25°C
DC Current Input to Output 0.5A max. at 25°C
Applications
• harmonic rejection
• transmitters/receivers
• lab use
• low cost
• small size
• 7 sections
• temperature stable
• patent pending
*Passband rating, derate linearly to 3.5W at 100°C ambient.
Outline Dimensions (
)
inch
mm
B
D
E
wt.
.410
1.43
.312
grams
10.41
36.32
7.92
10.0
VLF-320
VLF-320
INSERTION LOSS
0
10
20
30
40
50
60
70
80
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
VLF-320
VSWR
1
10
100
1000
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
NEW!
Coaxial
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
DC to 320 MHz
Low Pass Filter
REV. E
M94020
VLF-320
EDR-6588/2
RVN/AD/CP
040907


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn