Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VLF-105 Datasheet(PDF) 1 Page - Mini-Circuits

Part No. VLF-105
Description  Coaxial Low Pass Filter DC to 105 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

VLF-105 Datasheet(HTML) 1 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low Pass Filter Electrical Specifications (TAMB=25°C)
LFCN-105
DC-105
180
250
265-1650
4750
20
1.2
7
MODEL
NO.
PASSBAND
(MHz)
fco, MHz
Nom.
(loss 3 dB)
Typ.
STOP BAND (MHz)
(loss, dB)
(loss < 1 dB)
Max.
VSWR (:1)
Stopband
Typ.
Passband
Typ.
NO.OF
SECTIONS
f 20
Min.
fr 20
Typ.
40
Typ.
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
schematic
schematic
schematic
schematic
schematic
typical frequency response
typical frequency response
typical frequency response
typical frequency response
typical frequency response
fR 20 dB
20dB
3dB
40dB
1dB
FREQUENCY
f 20
f co
RF IN
RF OUT
1.00
0.17
1.04
51.00
0.42
1.06
100.00
0.70
1.12
150.00
1.18
1.11
180.00
1.94
1.44
200.00
3.47
1.93
250.00
18.52
4.06
260.00
24.46
4.16
300.00
44.49
4.95
1050.00
62.21
96.51
1750.00
42.50
57.91
2550.00
28.22
26.74
3550.00
25.32
29.46
4050.00
22.87
35.46
4750.00
22.07
18.11
Outline Drawing
Maximum Ratings
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input
8.5*W max. at 25°C
DC Current Input to Output 0.5A max. at 25°C
Applications
• harmonic rejection
• transmitters/receivers
• lab use
• low cost
• small size
• 7 sections
• temperature stable
• patent pending
*Passband rating, derate linearly to 3.5W at 100°C ambient.
Outline Dimensions (
)
inch
mm
B
D
E
wt.
.410
1.43
.312
grams
10.41
36.32
7.92
10.0
VLF-105
CASE STYLE: FF704
PRICE: $19.95 ea. QTY (10-24)
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
DC to 105 MHz
Low Pass Filter
Coaxial
REV. OR
M94020
VLF-105
ED-11690/3
RVN/AD/CP
040907
NEW!
VLF-105
INSERTION LOSS
0
10
20
30
40
50
60
70
80
0
10002000300040005000
FREQUENCY (MHz)
VLF-105
VSWR
1
10
100
1000
0
1000
2000
3000
4000
5000
FREQUENCY (MHz)


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn