Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XLMDK12W Datasheet(PDF) 1 Page - SunLED Corporation

Part No. XLMDK12W
Description  RoHS Compliant
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUNLED [SunLED Corporation]
Homepage  http://www.sunled.com
Logo 

XLMDK12W Datasheet(HTML) 1 Page - SunLED Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: XLMDK12W
T-1 3/4 (5mm) SOLID STATE LAMP
Oct 08,2016
XDSA7264 V5-X Layout: Maggie L.
P. 1/3
Features
● Radial / Through hole package
● Reliable & robust
● Low power consumption
● Available on tape and reel
● RoHS Compliant
Absolute Maximum Ratings
(TA=25°C)
Red
(AlGaInP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
185
mA
Power Dissipation
PD
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
Package Schematics
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Red
(AlGaInP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.95
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
EmissionCIE127-2007* (Typ.)
(IF=20mA)
λP
645*
nm
Wavelength of Dominant
Emission CIE127-2007* (Typ.)
(IF=20mA)
λD
630*
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
λ
28
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
35
pF
Operating Characteristics
(TA=25°C)
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Wavelength
CIE127-2007*
nm
λP
Viewing
Angle
2θ 1/2
min.
typ.
XLMDK12W
Red
AlGaInP
Water Clear
2700
900*
3490
1295*
645*
20°
Luminous Intensity
CIE127-2007*
(IF=20mA)
mcd
*Luminous intensity value and wavelength are in accordance with CIE127-2007 standards.
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
A Relative Humidity between 40% and 60% is recommended in
ESD-protected work areas to reduce static build up during assembly
process (Reference JEDEC/JESD625-A and JEDEC/J-STD-033)


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn